Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACXZ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4802ACXZ
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACXZ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4802ACXZ Datasheet HTML 1Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 2Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 3Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 4Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 5Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 6Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +6V, VPP = +40V to (VNN + 200V), VNN = -40V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C
23
TA = +25°C
20
25
ICOM = 5mA
TA = +70°C
30
TA = 0°C
22
TA = +25°C
16
25
Small-Signal Switch
On-Resistance
RONS
VPP = +160V,
VNN = -40V
ICOM =
200mA
TA = +70°C
27
Small-Signal Switch
On-Resistance Matching
RONS
VPP = +100V, VNN = -100V,
VCOM_ = 0V, ICOM = 5mA
5
20
%
Large-Signal Switch
On-Resistance
RONL
VCOM_ = VPP - 10V, ICOM = 1A
15
Shunt Resistance
(MAX4802A only)
RINT
NO_ or COM_ to RGND, switch off
30
35
50
k
0
2
Switch-Off Leakage
ICOM_(OFF),
INO_(OFF)
VCOM_, VNO_ = VPP - 10V or unconnected;
(MAX4800A only)
10
μA
Switch-Off DC Offset
RL = 100k
(MAX4800A),
no load (MAX4802A)
0
10
mV
Switch-On DC Offset
RL =100k
(MAX4800A),
no load (MAX4802A)
0
10
mV
TA = 0°C
3
TA = +25°C
2
3
Switch-Output Peak Current
(Note 4)
ICOM_ duty cycle
0.1%
TA = +70°C
2
A
Switch-Output Isolation Diode
Current
300ns pulse width, 2% duty cycle (Note 4)
300
mA
SWITCH DYNAMIC CHARACTERISITICS
f = 5MHz, RL = 1k , CL = 15pF
-30
-33
Off-Isolation (Note 4)
VISO
f = 5MHz, RL = 50
-58
-77
dB
Crosstalk
VCT
f = 5MHz, RL = 50 (Note 4)
-60
-80
dB
COM_, NO_
Off-Capacitance
CCOM_(OFF),
CNO_ (OFF)
VCOM_ = 0V, VNO_ = 0V, f = 1MHz (Note 4)
4
11
18
pF
COM_ On-Capacitance
CCOM_
(ON)
VCOM_ = 0V, f = 1MHz (Note 4)
20
36
56
pF
Output Voltage Spike
VSPK
RL = 50 (Note 4)
-150
+150
mV
VPP = +40V, VNN = -160V, VCOM_ = 0V
820
VPP = +100V, VNN = -100V, VCOM_ = 0V
600
Charge Injection
(MAX4802A only)
Q
VPP = +160V, VNN = -40V, VCOM_ = 0V
350
pC
LOGIC LEVELS
Logic-Input Low Voltage
VIL
0.75
V
Logic-Input High Voltage
VIH
VDD -
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com