Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACXZ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4802ACXZ
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACXZ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4802ACXZ Datasheet HTML 2Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 3Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 4Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 5Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 6Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACXZ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5V, VPP = +100V, VNN = -100V, TA = +25°C, unless otherwise noted.)
0
0.01
10
1
0.1
IDD SUPPLY CURRENT
vs. CLOCK FREQUENCY
1.0
0.9
0.3
0.1
0.7
0.6
0.4
0.2
0.8
0.5
CLOCK FREQUENCY (MHz)
DIN = 01010101
DIN = 00000000
OFF-ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
-65
-70
-75
-80
-85
-90
-95
-100
-60
110
RS = RL = 50
Ω
0
10
5
20
15
25
30
030
40
10
20
50
60
70
ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
ISW = 5mA
ISW = 200mA
0
5
10
15
20
25
30
35
40
+40/
-160
+60/
-140
+80/
-120
+100/
-100
+120/
-80
+140/
-60
+160/
-40
ON-RESISTANCE
vs. VPP/VNN SUPPLY VOLTAGE
VPP/VNN SUPPLY VOLTAGE (V)
TA = +70
°C
TA = 0
°C TA = +25°C
0
40
20
100
80
60
160
140
120
180
020
30
10
40
50
60
70
CLK TO DOUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +3V
VDD = +5V
0
1.0
2.0
4.0
5.0
6.0
040 50
20 30
10
60 70 80 90 100
SUPPLY CURRENT
vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
INN
IPP
IDD
ALL SWITCHES OPERATING
ALL SWITCHES CONNECTED TO GND
3.0
0.20
0.25
0.35
0.30
0.40
0.45
SUPPLY CURRENT
vs. VPP/VNN SUPPLY VOLTAGE
ONE SWITCH OPERATING
ALL SWITCHES CONNECTED TO GND
fSW = 50kHz
INN
IPP
+40/
-160
+60/
-140
+80/
-120
+100/
-100
+120/
-80
+140/
-60
+160/
-40
VPP/VNN SUPPLY VOLTAGE (V)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
LOGIC THRESHOLD
vs. VDD SUPPLY VOLTAGE
VDD SUPPLY VOLTAGE (V)
23456
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com