Electronic Components Datasheet Search
  English  ▼

X  

MAX9972 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9972
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9972 Datasheet HTML 9Page - Maxim Integrated Products MAX9972 Datasheet HTML 10Page - Maxim Integrated Products MAX9972 Datasheet HTML 11Page - Maxim Integrated Products MAX9972 Datasheet HTML 12Page - Maxim Integrated Products MAX9972 Datasheet HTML 13Page - Maxim Integrated Products MAX9972 Datasheet HTML 14Page - Maxim Integrated Products MAX9972 Datasheet HTML 15Page - Maxim Integrated Products MAX9972 Datasheet HTML 16Page - Maxim Integrated Products MAX9972 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
______________________________________________________________________________________
13
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
PASSIVE LOAD OFFSET
vs. TEMPERATURE
TEMPERATURE (
°C)
70
80
60
90
100
80
100
60
20
40
0
-20
140
120
160
50
PASSIVE LOAD HIGH RESISTOR
vs. VOLTAGE
DUT_ = DLV_
VDLV_ = -2.2V
VDLV_ = +1.5V
VDLV_ = +5.2V
VOLTAGE (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
7300
7200
7100
7700
7800
7900
7400
7500
7600
8000
7000
-2.5
5.5
PASSIVE LOAD LOW RESISTOR
vs. VOLTAGE
DUT_ = DLV_
VDLV_ = -2.2V
VDLV_ = +1.5V
VDLV_ = +5.2V
VOLTAGE (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
1900
1850
2100
2150
1950
2000
2050
2200
1800
-2.5
5.5
15
21
18
27
24
33
30
36
42
39
45
-50
-30 -20 -10
-40
0
10 20
40
30
50
PMU_ FORCE_ SWITCH RESISTANCE
vs. FORCE_ CURRENT
FORCE_ CURRENT (mA)
VPMU_ = 5.2V
15
21
18
27
24
33
30
36
42
39
45
-50
-30 -20 -10
-40
0
10 20
40
30
50
PMU_ FORCE_ SWITCH RESISTANCE
vs. FORCE_ CURRENT
FORCE_ CURRENT (mA)
VPMU_ = 1.5V
15
21
18
27
24
33
30
36
42
39
45
-50
-30 -20 -10
-40
0
10 20
40
30
50
PMU_ FORCE_ SWITCH RESISTANCE
vs. FORCE_ CURRENT
FORCE_ CURRENT (mA)
VPMU_ = -2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com