Electronic Components Datasheet Search
  English  ▼

X  

MAX9972 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9972
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9972 Datasheet HTML 14Page - Maxim Integrated Products MAX9972 Datasheet HTML 15Page - Maxim Integrated Products MAX9972 Datasheet HTML 16Page - Maxim Integrated Products MAX9972 Datasheet HTML 17Page - Maxim Integrated Products MAX9972 Datasheet HTML 18Page - Maxim Integrated Products MAX9972 Datasheet HTML 19Page - Maxim Integrated Products MAX9972 Datasheet HTML 20Page - Maxim Integrated Products MAX9972 Datasheet HTML 21Page - Maxim Integrated Products MAX9972 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
______________________________________________________________________________________
21
TQFP
MAX9972
21
22
23
24
25
26
27
28
29
30
32
33
34
35
36
37
38
39
EP
40
31
80
+
79
78
77
76
75
74
73
72
71
69
68
67
66
65
64
63
62
61
70
60
VDD
DUT1
PMU1
VSS
VDD
DUT2
PMU2
VSS
VDD
GND
VSS
PMU3
DUT3
VDD
VL
VSS
PMU4
DUT4
VDD
TEMP
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DATA2
CMPH1
GND
DATA1
RCV1
CMPL1
CMPH2
GND
RCV2
CMPL2
DATA3
CMPH3
GND
RCV3
CMPL3
DATA4
CMPH4
GND
RCV4
CMPL4
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com