Electronic Components Datasheet Search
  English  ▼

X  

MAX9972 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9972
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9972 Datasheet HTML 1Page - Maxim Integrated Products MAX9972 Datasheet HTML 2Page - Maxim Integrated Products MAX9972 Datasheet HTML 3Page - Maxim Integrated Products MAX9972 Datasheet HTML 4Page - Maxim Integrated Products MAX9972 Datasheet HTML 5Page - Maxim Integrated Products MAX9972 Datasheet HTML 6Page - Maxim Integrated Products MAX9972 Datasheet HTML 7Page - Maxim Integrated Products MAX9972 Datasheet HTML 8Page - Maxim Integrated Products MAX9972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +9.4V
VSS to GND..........................................................-6.25V to +0.3V
VDD to VSS ........................................................................+15.7V
VL to GND.................................................................-0.3V to +5V
DHV_, DTV_, DLV_, LDV_, DUT_ to GND ...................VSS to VDD
DATA_, RCV_ ...........................................................-0.3V to +5V
CHV_, CLV_, CMPH_, CMPL_, COMPHI,
COMPLO to GND.....................................................VSS to VDD
FORCE_, SENSE_, PMU_ to GND ..............................VSS to VDD
LD, DIN, SCLK, CS to GND......................................-0.3V to +5V
DUT_, CMPH_, CMPL_ Short-Circuit Duration ...........Continuous
DHV_, DLV_, DTV_ to Each Other ..............................VSS to VDD
CHV_, CLV_ to DUT_ ..................................................VSS to VDD
DOUT to GND...........................................................-0.3V to +5V
TEMP Short-Circuit Duration ......................................Continuous
FORCE_ Path Switch Current..............................................50mA
SENSE_ Path Switch Current .............................................1.5mA
Continuous Power Dissipation (TA = +70°C)
80-Pin TQFP-EP (derate 35.7mW/°C above +70°C) ....2857mW
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER (all specifications apply when DUT_ = DHV_, DUT_ = DTV_, or DUT_ = DLV_)
DC CHARACTERISTICS
Voltage Range
-2.2
+5.2
V
Gain
Measured at 0V and 3V
0.995
1
1.005
V/V
Gain Temperature Coefficient
50
ppm/°C
Offset
VDHV_ = 2V, VDLV_ = 0V, VDTV_ = 1V
±10
mV
Offset Temperature Coefficient
±250
µV/°C
Power-Supply Rejection Ratio
PSRR
VDD, VSS independently varied over full
range
18
mV/V
Maximum DC Drive Current
IDUT_
All drive mode specs valid over this range
-40
+40
mA
DC Output Resistance
IDUT_ = ±10mA (Note 2)
48.5
49.5
50.5
_
DC Output Resistance Variation
IDUT_ = -40mA to +40mA
2.5
_
DHV_ to DLV_ and DTV_:
VDLV_ = VDTV_ = +1.5V,
VDHV_ = -2.2V, +5.2V
5
DLV_ to DHV_ and DTV_:
VDHV_ = VDTV_ = +1.5V,
VDLV_ = -2.2V, +5.2V
5
DC Crosstalk
DTV_ to DHV_ and DLV_:
VDHV_ = VDLV_ = +1.5V,
VDTV_ = -2.2V, +5.2V
5
mV
0 to 3V (Note 3)
±5
mV
Linearity Error
Full range (Note 4)
±15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com