Electronic Components Datasheet Search
  English  ▼

X  

MAX9944 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9944
Description  High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9944 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9944 Datasheet HTML 1Page - Maxim Integrated Products MAX9944 Datasheet HTML 2Page - Maxim Integrated Products MAX9944 Datasheet HTML 3Page - Maxim Integrated Products MAX9944 Datasheet HTML 4Page - Maxim Integrated Products MAX9944 Datasheet HTML 5Page - Maxim Integrated Products MAX9944 Datasheet HTML 6Page - Maxim Integrated Products MAX9944 Datasheet HTML 7Page - Maxim Integrated Products MAX9944 Datasheet HTML 8Page - Maxim Integrated Products MAX9944 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
300
400
350
500
450
550
600
650
700
614
18
10
22
26
30
34
38
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
300
400
600
500
700
800
-50
0
-25
25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
0
5
10
15
20
25
30
614
10
18
22
26
30
34
38
OFFSET VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
10
5
20
15
25
30
-14
-2
2
-10
-6
6
10
14
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
-40
0
-20
40
20
80
60
100
-50
0
25
-25
50
75
100
125
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
High-Voltage, Precision, Low-Power Op Amps
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 15V, VEE = -15V, VCM = 0V, RL = 10kΩ to GND, VGND = 0V, TA = +25°C, unless otherwise noted.)
0
5
10
15
20
25
-60
-40 -30
-50
-20 -10 0
20
10
30 40 50 60
OFFSET VOLTAGE HISTOGRAM
OFFSET VOLTAGE (
µV)
0
20
10
40
30
60
50
70
-0.3
-0.2
-0.15
-0.1
-0.25
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
INPUT VOLTAGE OFFSET
DRIFT HISTOGRAM
VOS DRIFT (
µV/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com