Electronic Components Datasheet Search
  English  ▼

X  

MAX9944 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9944
Description  High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9944 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9944 Datasheet HTML 2Page - Maxim Integrated Products MAX9944 Datasheet HTML 3Page - Maxim Integrated Products MAX9944 Datasheet HTML 4Page - Maxim Integrated Products MAX9944 Datasheet HTML 5Page - Maxim Integrated Products MAX9944 Datasheet HTML 6Page - Maxim Integrated Products MAX9944 Datasheet HTML 7Page - Maxim Integrated Products MAX9944 Datasheet HTML 8Page - Maxim Integrated Products MAX9944 Datasheet HTML 9Page - Maxim Integrated Products MAX9944 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
High-Voltage, Precision, Low-Power Op Amps
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 15V, VEE = -15V, VCM = 0V, RL = 10kΩ to GND, VGND = 0V, TA = +25°C, unless otherwise noted.)
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
1
0.1
1
10
100
1000
0.01
0.1
10,000
INPUT VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
10
10
20
30
40
50
60
70
80
90
100
0
1
100,000
CAPACITIVE LOAD vs. RESISTIVE LOAD
RLOAD (
Ω)
1000
10,000
1000
10,000
100,000
100
100
100,000
STABLE
UNSTABLE
OPEN-LOOP GAIN vs. FREQUENCY
FREQUENCY (kHz)
100
10
0.0001
0.001
0.01
0.1
1
0
20
40
60
80
100
120
140
-20
0.00001
1000
10,000
1
μs/div
SMALL SIGNAL-STEP RESPONSE
20mV/div
MAX9943 toc18
OUT
10
μs/div
LARGE SIGNAL-STEP RESPONSE
1V/div
MAX9943 toc19
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com