Electronic Components Datasheet Search
  English  ▼

X  

BFP720ESD Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP720ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720ESD Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP720ESD Datasheet HTML 4Page - Infineon Technologies AG BFP720ESD Datasheet HTML 5Page - Infineon Technologies AG BFP720ESD Datasheet HTML 6Page - Infineon Technologies AG BFP720ESD Datasheet HTML 7Page - Infineon Technologies AG BFP720ESD Datasheet HTML 8Page - Infineon Technologies AG BFP720ESD Datasheet HTML 9Page - Infineon Technologies AG BFP720ESD Datasheet HTML 10Page - Infineon Technologies AG BFP720ESD Datasheet HTML 11Page - Infineon Technologies AG BFP720ESD Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
BFP720ESD
Product Brief
Data Sheet
8
Revision 1.0, 2010-06-29
2
Product Brief
The BFP720ESD is a Silicon Germanium Carbon (SiGe:C) NPN Heterojunction wideband Bipolar RF Transistor
(HBT) in a plastic dual emitter standard package with visible leads. The device is fitted with internal protection
circuits, which enhance robustness against ESD and high RF input power strongly. The device combines
robustness with very high RF gain and lowest noise figure at low operation current for use in a wide range of
wireless applications.
The BFP720ESD is especially well-suited for portable battery-powered applications in which reduced power
consumption is a key requirement. Device design supports collector voltages up to 4.2 V.
Table 1
Quick Reference DC Characteristics at
T
A = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Collector emitter breakdown voltage
V
(BR)CEO
4.2
4.7
–
V
I
C =1mA, IB =0
Open base
Collector base leakage current
I
CBO
––
400
nA
V
CB =2 V, IE =0
Open emitter
DC current gain
h
FE
160
250
400
V
CE =3 V, IC =15mA
Collector current
I
C
––
30
mA
Total power dissipation
P
tot
––
100
mW
T
S ≤ 108 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com