Electronic Components Datasheet Search
  English  ▼

X  

BFP720ESD Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # BFP720ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720ESD Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button BFP720ESD Datasheet HTML 19Page - Infineon Technologies AG BFP720ESD Datasheet HTML 20Page - Infineon Technologies AG BFP720ESD Datasheet HTML 21Page - Infineon Technologies AG BFP720ESD Datasheet HTML 22Page - Infineon Technologies AG BFP720ESD Datasheet HTML 23Page - Infineon Technologies AG BFP720ESD Datasheet HTML 24Page - Infineon Technologies AG BFP720ESD Datasheet HTML 25Page - Infineon Technologies AG BFP720ESD Datasheet HTML 26Page - Infineon Technologies AG BFP720ESD Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
BFP720ESD
Electrical Characteristics
Data Sheet
23
Revision 1.0, 2010-06-29
Figure 12
Maximum Power Gain
G
max = f (IC), VCE = 3 V, f = Parameter in GHz
Figure 13
Maximum Power Gain
G
max = f (VCE), IC = 15 mA, f = Parameter in GHz
0
5
10
15
20
25
30
10
13
16
19
22
25
28
31
34
37
40
43
I
C
[mA]
10.00GHz
5.50GHz
3.50GHz
2.40GHz
1.90GHz
1.50GHz
0.90GHz
0.45GHz
0.15GHz
0
1
2
3
4
5
10
13
16
19
22
25
28
31
34
37
40
43
V
CE
[V]
10.00GHz
5.50GHz
3.50GHz
2.40GHz
1.90GHz
1.50GHz
0.90GHz
0.45GHz
0.15GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com