Electronic Components Datasheet Search
  English  ▼

X  

BFP720ESD Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BFP720ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720ESD Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BFP720ESD Datasheet HTML 18Page - Infineon Technologies AG BFP720ESD Datasheet HTML 19Page - Infineon Technologies AG BFP720ESD Datasheet HTML 20Page - Infineon Technologies AG BFP720ESD Datasheet HTML 21Page - Infineon Technologies AG BFP720ESD Datasheet HTML 22Page - Infineon Technologies AG BFP720ESD Datasheet HTML 23Page - Infineon Technologies AG BFP720ESD Datasheet HTML 24Page - Infineon Technologies AG BFP720ESD Datasheet HTML 25Page - Infineon Technologies AG BFP720ESD Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
BFP720ESD
Electrical Characteristics
Data Sheet
22
Revision 1.0, 2010-06-29
Figure 10
Collector Base Capacitance
C
CB = f (VCB), f = 1 MHz
Figure 11
Gain
G
ma, Gms, IS21I² = f ( f ), VCE = 3 V, IC = 15 mA
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
V
CB
[V]
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
f [GHz]
G
ms
G
ma
|S
21
|
2
G
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com