Electronic Components Datasheet Search
  English  ▼

X  

BFR360F Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFR360F
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360F Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFR360F Datasheet HTML 1Page - Infineon Technologies AG BFR360F Datasheet HTML 2Page - Infineon Technologies AG BFR360F Datasheet HTML 3Page - Infineon Technologies AG BFR360F Datasheet HTML 4Page - Infineon Technologies AG BFR360F Datasheet HTML 5Page - Infineon Technologies AG BFR360F Datasheet HTML 6Page - Infineon Technologies AG BFR360F Datasheet HTML 7Page - Infineon Technologies AG BFR360F Datasheet HTML 8Page - Infineon Technologies AG BFR360F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2010-05-20
5
BFR360F
Power gain Gma, Gms = ƒ(IC)
f = 0.9GHz
VCE = parameter
0
5
10
15
20
25
30
mA
40
IC
12
13
14
15
16
17
18
19
20
21
22
dB
24
5V
3V
2V
1V
0.7V
Power gain Gma, Gms = ƒ(IC)
f = 1.8GHz
VCE = parameter
0
5
10
15
20
25
30
mA
40
IC
8
10
12
14
dB
18
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = ƒ(f)
VCE = parameter
0
0.5
1
1.5
2
2.5
3
3.5 GHz
4.5
f
4
9
14
19
24
29
34
39
dB
49
Ic = 15mA
5V
2V
1V
0.7V
Insertion Power Gain |S21|² = ƒ(f)
VCE = parameter
0
0.5
1
1.5
2
2.5
3
3.5 GHz
4.5
f
0
4
8
12
16
20
24
28
dB
36
Ic = 15mA
5V
2V
1V
0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com