Electronic Components Datasheet Search
  English  ▼

X  

BFR360F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFR360F
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFR360F Datasheet HTML 2Page - Infineon Technologies AG BFR360F Datasheet HTML 3Page - Infineon Technologies AG BFR360F Datasheet HTML 4Page - Infineon Technologies AG BFR360F Datasheet HTML 5Page - Infineon Technologies AG BFR360F Datasheet HTML 6Page - Infineon Technologies AG BFR360F Datasheet HTML 7Page - Infineon Technologies AG BFR360F Datasheet HTML 8Page - Infineon Technologies AG BFR360F Datasheet HTML 9Page - Infineon Technologies AG BFR360F Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2010-05-20
6
BFR360F
Power Gain Gma, Gms = ƒ(VCE): 
|S21|² = ƒ(VCE): - - - -
f = parameter
0
1
2
3
4
5
V
7
VCE
8
10
12
14
16
18
20
dB
24
0.9GHz
1.8GHz
0.9GHz
1.8GHz
Ic = 15mA
Power gain Gma, Gms = ƒ (IC)
VCE = 3V
f = parameter
0
5
10
15
20
25
30
35 mA
45
IC
7
8
9
10
11
12
13
14
15
16
17
18
19
dB
22
0.9GHz
1.8GHz
2.4GHz
3GHz
4GHz
Noise figure NF =
ƒ (IC)
VCE = 3V, f = 1,8 GHz
0
5
10
15
20
25
30
35 mA
45
IC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
dB
3
F50
NFmin
Noise figure F =
ƒ(f)
VCE = 3V, ZS = ZSopt



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com