Electronic Components Datasheet Search
  English  ▼

X  

BGA461 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGA461
Description  Silicon Germanium GPS Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA461 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGA461 Datasheet HTML 1Page - Infineon Technologies AG BGA461 Datasheet HTML 2Page - Infineon Technologies AG BGA461 Datasheet HTML 3Page - Infineon Technologies AG BGA461 Datasheet HTML 4Page - Infineon Technologies AG BGA461 Datasheet HTML 5Page - Infineon Technologies AG BGA461 Datasheet HTML 6Page - Infineon Technologies AG BGA461 Datasheet HTML 7Page - Infineon Technologies AG BGA461 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary Data Sheet
4
Rev.1.1, 2009-01-22
BGA461
Silicon Germanium GPS Low Noise Amplifier
1
Silicon Germanium GPS Low Noise Amplifier
Figure 1
Blockdiagram
2
Description
The BGA461 is a front-end low noise amplifier for Global Positioning System (GPS) applications. The LNA
provides 19.5 dB gain and 1.1 dB noise figure at a current consumption of 4 mA in the application configuration
described in Chapter 4. The BGA461 is based upon Infineon Technologies‘ B7HFM Silicon Germanium
technology. It operates over a 2.4 V to 3.2 V supply range.
Features
•
Optimized for 1575 MHz Operation
•
High gain: 19.5 dB
•
Low Noise Figure: 1.1 dB
•
Supply voltage: 2.4 V to 3.2 V
•
4mA current consumption
•
Power off function
•
1 kV HBM ESD protection at all pins
•
B7HFM Silicon Germanium technology
•
RF output internally matched to 50
Ω
•
Low external component count
•
Tiny TSLP-7-4 leadless package
•
Moisture sensitivity level: MSL 1
•
Pb-free (RoHS compliant) package
TSLP-7-4
Application
•
1575 MHz GPS, Galileo, GPS phone
1
2
3
6
5
4
7
BGA461 _Blockdiagram .vsd
BIAS
IN
BIAS
OUT
GND
PON
VCC
ESD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com