Electronic Components Datasheet Search
  English  ▼

X  

BGA461 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGA461
Description  Silicon Germanium GPS Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA461 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BGA461 Datasheet HTML 1Page - Infineon Technologies AG BGA461 Datasheet HTML 2Page - Infineon Technologies AG BGA461 Datasheet HTML 3Page - Infineon Technologies AG BGA461 Datasheet HTML 4Page - Infineon Technologies AG BGA461 Datasheet HTML 5Page - Infineon Technologies AG BGA461 Datasheet HTML 6Page - Infineon Technologies AG BGA461 Datasheet HTML 7Page - Infineon Technologies AG BGA461 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BGA461
Application Information
Preliminary Data Sheet
7
Rev.1.1, 2009-01-22
4
Application Information
Figure 2
Application Schematic BGA461
A list of all application notes is available at http://www.infineon.com/cms/en/product.
Table 5
Bill of Materials
Name
Value
Package
Manufacturer
Function
C1
10 nF
0402
Various
LF trap
C2
2.7 pF
0402
Various
DC block and input matching
C3
10 pF
0402
Various
(optional) Control voltage
filtering
C4
100 pF
0402
Various
Supply filtering
C5
2.2 nF
0402
Various
(optional) Supply filtering
L1
2.2 nH
LQG15H series
0402
Murata
LF trap & input matching
L2
33 nH
LQG15H series
0402
Murata
Biasing
R1
4.7 k
Ω
0402
Various
Current adjustment
N1
BGA461
TSLP-7-4
Infineon
SiGe LNA
BGA 461 _Application_ Schematic.vsd
IN,1
BIAS,2
n.c.,3
OUT,6
VCC,5
PON ,4
L2
GND,7
L1
C2
C3, optional
C4
C5, optional
RFout
PON
VCC
RFin
C1
BGA461
R1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com