Electronic Components Datasheet Search
  English  ▼

X  

BGA461 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BGA461
Description  Silicon Germanium GPS Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA461 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BGA461 Datasheet HTML 1Page - Infineon Technologies AG BGA461 Datasheet HTML 2Page - Infineon Technologies AG BGA461 Datasheet HTML 3Page - Infineon Technologies AG BGA461 Datasheet HTML 4Page - Infineon Technologies AG BGA461 Datasheet HTML 5Page - Infineon Technologies AG BGA461 Datasheet HTML 6Page - Infineon Technologies AG BGA461 Datasheet HTML 7Page - Infineon Technologies AG BGA461 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Data Sheet
6
Rev.1.1, 2009-01-22
BGA461
Electrical Characteristics
3
Electrical Characteristics
Table 4
Electrical Characteristics
1): T
A = 25 °C, VCC = 2.8 V, VPON,ON = 2.8 V, VPON,OFF = 0 V, f = 1575 MHz
1) Measured on BGA461 application board described in Chapter 4, including PCB losses (unless noted otherwise)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
2.42.8
3.2V
Supply current
I
CC
-4.0
-mA
ON-mode
-0.2
3
μA
OFF-mode
Gain switch control voltage
V
pon
1.5-
3.2V
ON-mode
0
-
0.5
V
OFF-mode
Gain switch control current
I
pon
-1.5
3
μAON-mode
-0
1
μA
OFF-mode
Insertion power gain
|
S
21|
2
-
19.5
-
dB
High-gain Mode
Noise figure
2)
2) PCB tranmission line- and connector losses subtracted
NF
-1.1
-dB
Z
S = 50 Ω
Input return loss
RL
in
-11
-
dB
Output return loss
RL
out
->12
-dB
Reverse isolation
1/|
S
12|
2
-35
-
dB
Power gain settling time
3)
3) To within 1 dB of the final gain OFF- to ON-mode; to within 3 dB of the final gain ON- to OFF-mode
t
S
-20
-
μs
OFF- to ON-mode
-50
-
μs
ON- to OFF-mode
Inband input 3rd order intercept
point
4)
4) Input Power = -40 dBm for each tone
IIP
3
--11
-dBm
f
1 = 1575 MHz
f
2 = f1 +/-1 MHz
Inband input 1 dB compression
point
IP
1dB
--14
-dBm
Stability
k
-> 1.5
-
f = 20 MHz ... 10 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com