Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3754
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3754 Datasheet HTML 10Page - Linear Technology LT3754 Datasheet HTML 11Page - Linear Technology LT3754 Datasheet HTML 12Page - Linear Technology LT3754 Datasheet HTML 13Page - Linear Technology LT3754 Datasheet HTML 14Page - Linear Technology LT3754 Datasheet HTML 15Page - Linear Technology LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3597
14
3597f
APPLICATIONS INFORMATION
Table 6 shows commonly used values for R1 and R2.
Choose the ratio of R1 and R2 for the desired junction
temperature limit as described in Figure 7.
Table 6. TSET Programmed Junction Temperature
TJ (°C)
R1 (kΩ)
R2 (kΩ)
85
49.9
97.6
100
49.9
90.9
115
49.9
84.5
The TSET pin must be tied to VREF if the temperature pro-
tection feature is not desired.
Figure 8. Programming the CTRLM Pin
LED Current Derating Using the CTRLM Pin
Another feature of the LT3597 is its ability to program a
derating curve for maximum LED current versus tem-
perature. LED data sheets provide curves of maximum
allowable LED current versus temperature to warn against
exceeding this current limit and damaging the LED. The
LT3597 allows the output LEDs to be programmed for
maximum allowable current while still protecting the
LEDs from excessive currents at high temperature. This
is achieved by programming a voltage at the CTRLM pin
with a negative temperature coefficient using a resistor
divider with temperature dependent resistance (Figure 8).
As ambient temperature increases, the CTRLM voltage
will fall below the internal 1V voltage reference, causing
LED currents to be controlled by the CTRLM pin voltage.
The LED current curve breakpoint and slope versus tem-
perature are defined by the choice of resistor ratios and
use of temperature-dependent resistance in the divider
for the CTRLM pin.
LT3597
3597 F08
CTRLM
R2
R1
(OPTION
A TO D)
VREF
A
RNTC
C
RNTC
B
RNTC
RX
D
RNTC
RX
RY
RY
–50
0.4
0.5
75
125
3597 F07
0.3
0.8
0.6
0.7
50
25
0
–25
100
TEMPERATURE (°C)
Figure 7. TSET Voltage for Temperature Derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com