Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3754
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology LT3754 Datasheet HTML 19Page - Linear Technology LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology LT3754 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT3597
23
3597f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
UHG Package
Variation: UHG52 (39)
52-Lead Plastic QFN (5mm
× 8mm)
(Reference LTC DWG # 05-08-1846 Rev B)
5.00
± 0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
51
50
48
46
44
43
41
39
37
35
34
33
32
31
30
29
28
27
43
48
46
44
51 50
41
39
37
35
34
33
32
31
30
29
28
27
2
4
6
7
9
11
12
13
14
15
16
17
2
4
6
7
9
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW—EXPOSED PAD
5.90
±0.10
6.40 REF
8.00
± 0.10
0.75
± 0.05
0.75
± 0.05
R = 0.10
TYP
R = 0.10
TYP
0.20
± 0.05
(UHG39) QFN 0410 REV B
0.40 BSC
0.80 BSC
0.70 TYP
0.60 TYP
0.200 REF
0.00 – 0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
3.20 REF
0.40
±0.10
0.00 – 0.05
18 19 20 21 22 23 24 25 26
0.70
± 0.05
41
39
37
35
34 33 32 31 30 29 28 27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
9
7
6
4
2
43
44
46
48
50
51
0.40 BSC
0.80 BSC
6.40 REF
3.20 REF
4.10
± 0.05
5.50
± 0.05
0.20
± 0.05
5.90
±0.05
2.90
±0.05
7.10
± 0.05
8.50
± 0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45° CHAMFER
2.90
±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com