Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3754
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology LT3754 Datasheet HTML 19Page - Linear Technology LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology LT3754 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3597
24
3597f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2011
LT 0311 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver
with 1000:1 Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, True Color PWM Dimming = 1000:1,
ISD < 10µA, 5mm × 7mm QFN-10 Package
LT3492
60V, 2.1MHz 3-Channel (ILED = 1A) Full Featured LED
Driver
VIN: 3V to 30V (40VMAX), VOUT(MAX) = 60V, True Color PWM Dimming = 3000:1,
ISD < 1µA, 4mm × 5mm QFN-28 Package
LT3496
45V, 2.1MHz 3-Channel (ILED = 1A) Full Featured LED
Driver
VIN: 3V to 30V (40VMAX), VOUT(MAX) = 45V, True Color PWM Dimming = 3000:1,
ISD < 1µA, 4mm × 3mm QFN-28 Package
LT3590
48V, 850kHz 50mA Buck Mode LED Driver
VIN: 4.5V to 55V, True Color PWM Dimming = 200:1,
ISD < 15µA, 2mm × 2mm DFN-6 and SC70 Packages
LT3595
45V, 2.5MHz 16-Channel Full Featured LED Driver
VIN: 4.5V to 55V, VOUT(MAX) = 45V True Color PWM Dimming = 5000:1,
ISD < 1µA, 5mm × 9mm QFN-56 Package
LT3596
60V, 1MHz 3-Channel Full Featured LED Driver
VIN: 6V to 60V, VOUT(MAX) = 40V, True Color PWM Dimming = 10,000:1,
ISD ≤ 2µA, 5mm × 8mm QFN-52 Package
LT3598
44V, 1.5A, 2.5MHz Boost 6-Channel LED Driver
VIN: 3V to 30V (40VMAX), VOUT(MAX) = 44V, True Color PWM Dimming = 1000:1,
ISD < 1µA, 4mm × 4mm QFN-24 Package
LT3599
2A Boost Converter with Internal 4-String 150mA LED
Ballaster
VIN: 3V to 30V, VOUT(MAX) = 44V, True Color PWM Dimming = 1000:1,
ISD < 1µA, 5mm × 5mm QFN-32 and TSSOP-28 Packages
LT3754
16-Channel x 50mA LED Driver with 60V Boost
Controller and PWM Dimming
VIN: 6V to 40V, VOUT(MAX) = 60V, True Color PWM Dimming = 3000:1,
ISD < 2µA, 5mm × 5mm QFN-52 Package
LT3760
8-Channel x 100mA LED Driver with 60V Boost
Controller and PWM Dimming
VIN: 6V to 40V, VOUT(MAX) = 60V, True Color PWM Dimming = 3000:1,
ISD < 2µA, TSSOP-28 Package
Triple Step-Down RGB Single Pixel LED Driver, 100mA Current
10,000:1 Dimming at 100Hz
3597 TA06
LT3597
VIN
EN/UVLO
BOOST1
SW1
DA1
FB1
VOUT1
LED1
BIAS
FAULT
PWM1:3
CTRL1:3
SYNC
RT
BOOST2
SW2
DA2
FB2
VOUT2
LED2
BOOST3
SW3
DA3
FB3
VOUT3
LED3
VREF
TSET
CTRLM
LT3597
9.1k
100k
97k
91k
270k
3.3µF
0.1µF
10µF
100µH
0.1µF
3.3µF
100µH
9.1k
97k
0.1µF
3.3µF
100µH
9.1k
97k
100k
10k
82.5k
VREF
49.9k
10µF
VCC
5V
10µF
33.2k
ISET1
ISET2
ISET3
GND
20k
20k
20k
VOUT1
VIN
48V
VOUT2
VOUT3
R
G
B
ILED
50mA/DIV
PWM
2V/DIV
3597 TA06b
200ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com