Electronic Components Datasheet Search
  English  ▼

X  

BSP77 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP77
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP77 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSP77 Datasheet HTML 2Page - Infineon Technologies AG BSP77 Datasheet HTML 3Page - Infineon Technologies AG BSP77 Datasheet HTML 4Page - Infineon Technologies AG BSP77 Datasheet HTML 5Page - Infineon Technologies AG BSP77 Datasheet HTML 6Page - Infineon Technologies AG BSP77 Datasheet HTML 7Page - Infineon Technologies AG BSP77 Datasheet HTML 8Page - Infineon Technologies AG BSP77 Datasheet HTML 9Page - Infineon Technologies AG BSP77 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1 Maximum allowable power dissipation
Ptot = f(TS) resp.
Ptot = f(TA) @ RthJA=72 K/W
-75
-50
-25
0
25
50
75
100
°C
150
TS ;TA
0
1
2
3
4
5
6
7
8
W
10
6cm2
max.
2 On-state resistance
RON = f(Tj); ID=2.17A; VIN=10V
-50
-25
0
25
50
75
100
125
°C
175
Tj
0
25
50
75
100
125
150
175
m
W
225
typ.
max.
3 On-state resistance
RON = f(Tj); ID= 2.17A; VIN=5V
-50
-25
0
25
50
75
100
125
°C
175
Tj
0
25
50
75
100
125
150
175
200
m
W
250
typ.
max.
4 Typ. input threshold voltage
VIN(th) = f(Tj); ID = 0.3 mA; VDS = 12V
-50
-25
0
25
50
75
100
°C
150
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V
2
Datasheet
6
Rev. 1.3, 2008-04-14
Smart Low Side Power Switch
HITFET BSP 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com