Electronic Components Datasheet Search
  English  ▼

X  

BSP77 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSP77
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP77 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BSP77 Datasheet HTML 3Page - Infineon Technologies AG BSP77 Datasheet HTML 4Page - Infineon Technologies AG BSP77 Datasheet HTML 5Page - Infineon Technologies AG BSP77 Datasheet HTML 6Page - Infineon Technologies AG BSP77 Datasheet HTML 7Page - Infineon Technologies AG BSP77 Datasheet HTML 8Page - Infineon Technologies AG BSP77 Datasheet HTML 9Page - Infineon Technologies AG BSP77 Datasheet HTML 10Page - Infineon Technologies AG BSP77 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5 Typ. transfer characteristics
ID=f(VIN); VDS=12V; TJstart=25°C
1
2
3
4
5
6
7
8
V
10
VIN
0
2
4
6
8
10
12
A
16
6 Typ. short circuit current
ID(lim) = f(Tj); VDS=12V
Parameter: VIN
-50
-25
0
25
50
75
100
125
°C
175
Tj
10
12
14
16
18
20
A
24
5V
Vin=10V
7 Typ. output characteristics
ID=f(VDS); TJstart=25°C
Parameter: VIN
0
1
2
3
4
V
6
VDS
0
2
4
6
8
10
12
14
16
A
20
3V
4V
5V
6V
7V
Vin=10V
8 Off-state drain current
IDSS = f(Tj)
-50
-25
0
25
50
75
100
125
°C
175
Tj
0
1
2
3
4
5
6
7
8
9
10
11
µA
13
typ.
max.
Datasheet
7
Rev. 1.3, 2008-04-14
Smart Low Side Power Switch
HITFET BSP 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com