Electronic Components Datasheet Search
  English  ▼

X  

BSP77 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP77
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP77 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSP77 Datasheet HTML 3Page - Infineon Technologies AG BSP77 Datasheet HTML 4Page - Infineon Technologies AG BSP77 Datasheet HTML 5Page - Infineon Technologies AG BSP77 Datasheet HTML 6Page - Infineon Technologies AG BSP77 Datasheet HTML 7Page - Infineon Technologies AG BSP77 Datasheet HTML 8Page - Infineon Technologies AG BSP77 Datasheet HTML 9Page - Infineon Technologies AG BSP77 Datasheet HTML 10Page - Infineon Technologies AG BSP77 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
9 Typ. overload current
ID(lim) = f(t), Vbb=12 V, no heatsink
Parameter:
Tjstart
0
1
2
3
ms
5
t
0
5
10
15
A
25
-40°C
25°C
85°C
+150°C
10 Typ. transient thermal impedance
ZthJA=f(tp) @ 6 cm2 cooling area
Parameter:
D=tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
3
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
Single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
11 Determination of
ID(lim)
ID(lim) = f(t); tm = 200µs
Parameter:
TJstart
0
0.1
0.2
0.3
0.4
ms
0.6
t
0
5
10
15
A
25
-40°C
25°C
85°C
150°C
Datasheet
8
Rev. 1.3, 2008-04-14
Smart Low Side Power Switch
HITFET BSP 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com