Electronic Components Datasheet Search
  English  ▼

X  

LTC3901 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3901
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3901 Datasheet HTML 10Page - Linear Technology LTC3901 Datasheet HTML 11Page - Linear Technology LTC3901 Datasheet HTML 12Page - Linear Technology LTC3901 Datasheet HTML 13Page - Linear Technology LTC3901 Datasheet HTML 14Page - Linear Technology LTC3901 Datasheet HTML 15Page - Linear Technology LTC3901 Datasheet HTML 16Page - Linear Technology LTC3901 Datasheet HTML 17Page - Linear Technology LTC3901 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT4430
14
4430fb
APPLICATIONS INFORMATION
Figures 4a to 4d demonstrate bias supply circuits for the
fully-synchronous push-pull topology. Biasing for full-
bridge schemes is identical to the push-pull circuits with
the obvious difference in the primary-side drive. In Figure
4a, the bias supply equals (VIN • N – VF). In Figure 4b and
4d, the bias supply equals (2 • VIN • N – VF). In Figure 4c
and 4e, the bias supply equals (VZ1 – VF).
In general, one of the simple, low-cost biasing schemes
suffices for LT4430 applications. However, design con-
•
•
•
•
VIN
4430 F04a
T1
1:N
VOUT
COUT
*OPTIONAL SEE TEXT
MF
L1
Q1
ME
Q2
LT4430
VBIAS
C1
R1*
D1
•
•
•
•
VIN
4430 F04b
T1
1:N
VOUT
COUT
*OPTIONAL SEE TEXT
MF
L1
Q1
ME
Q2
LT4430
VBIAS
C1
R1*
D1
Figure 4a. Typical Synchronous Push-Pull Converter
with Bias Generator
Figure 4b. Typical Synchronous Push-Pull Converter
with 2x Bias Generator
straints such as a very wide input voltage range may force
employment of other biasing circuits. Other methods of
generating the bias supply may include an additional
transformer or output inductor winding, low-cost linear
regulators, discrete or monolithic charge pumps and
buck/boost regulators. However, if the bias supply gets this
complicated, a quick chat with your local LTC applications
engineer may result in a simpler solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com