Electronic Components Datasheet Search
  English  ▼

X  

LTC3901 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3901
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 4 Page - Linear Technology

  LTC3901 Datasheet HTML 1Page - Linear Technology LTC3901 Datasheet HTML 2Page - Linear Technology LTC3901 Datasheet HTML 3Page - Linear Technology LTC3901 Datasheet HTML 4Page - Linear Technology LTC3901 Datasheet HTML 5Page - Linear Technology LTC3901 Datasheet HTML 6Page - Linear Technology LTC3901 Datasheet HTML 7Page - Linear Technology LTC3901 Datasheet HTML 8Page - Linear Technology LTC3901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT4430
4
4430fb
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Reference Voltage
vs Temperature
FB Voltage Line Regulation
FB Input Bias Current
vs Temperature
TEMPERATURE (°C)
–75 –50
0.594
0.595
0.596
0.598
0.600
0.602
050
100
150
4430 G03
0.604
0.597
0.599
0.601
0.603
0.605
0.606
–25
25
75
125
VIN (V)
0
0.5990
0.5995
0.6000
0.6005
48
12
20
4430 G04
0.6010
26
10
14 16 18
TA = 25°C
TEMPERATURE (°C)
–75 –50
–200
–175
–150
–100
–50
0
050
100
150
4430 G05
–125
–75
–25
25
50
–25
25
75
125
OC Charging Current
vs Input Voltage
OC Charging Current
vs Temperature
OC Clamp Voltage
vs Temperature
OC Amplifier Offset Voltage
vs Temperature
VIN (V)
0
510
15
4430 G06
20
15
13
11
9
7
5
TEMPERATURE (°C)
–75 –50
5
7
9
11
13
050
100
150
4430 G07
15
–25
25
75
125
VIN = 5V
TEMPERATURE (°C)
–75 –50
0.5
0.7
0.9
1.1
1.3
050
100
150
4430 G08
1.5
–25
25
75
125
TEMPERATURE (°C)
–75 –50
0
10
20
40
60
80
050
100
150
4430 G09
30
50
70
90
100
–25
25
75
125
Quiescent Current vs Temperature
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (°C)
–50
–75
1.0
1.5
2.0
2.5
3.0
050
100
150
4430 G01
3.5
4.0
–25
25
75
125
VIN = 3V
VIN = 20V
TEMPERATURE (°C)
–75 –50
1.0
1.5
2.0
2.5
050
100
150
4430 G02
3.0
–25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com