Electronic Components Datasheet Search
  English  ▼

X  

LTC3901 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3901
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3901 Datasheet HTML 14Page - Linear Technology LTC3901 Datasheet HTML 15Page - Linear Technology LTC3901 Datasheet HTML 16Page - Linear Technology LTC3901 Datasheet HTML 17Page - Linear Technology LTC3901 Datasheet HTML 18Page - Linear Technology LTC3901 Datasheet HTML 19Page - Linear Technology LTC3901 Datasheet HTML 20Page - Linear Technology LTC3901 Datasheet HTML 21Page - Linear Technology LTC3901 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT4430
18
4430fb
APPLICATIONS INFORMATION
In this example, the error amplifier is typically a voltage
error amplifier configured as a transimpedance amplifier.
The opto-coupler transistor’s emitter provides feedback
information directly to the FB pin and the resistor RE from
FB to GND sets the DC bias condition for the opto-coupler.
The open loop transfer function from the output voltage
to the primary-side error amplifier’s output is:
V
V
A
R
RR
sR C
sR
C
sA R
C
C
s R
CC
CC
sR
C
s
RR
R
C
OUT
KK
KD
K
=
+
⎛
⎝⎜
⎞
⎠⎟
++
++
+
⎛
⎝⎜
⎞
⎠⎟
+
+
+
–•
• (
•
•
)• (
•
•
)
[• •
• (
)]•
•
•
(•
)
()
•
•
(•
•
)
•
(•
)
(
2
12
11
1 1
3
3
12
3
1
3
23
23
6
1
1
R
R
C
CTR R
RR
sr
C
s R
C
D
K
C
KD
BE
C
C
)
•
•
•
()
•
••
•
••
⎛
⎝⎜
⎞
⎠⎟
+
+
() +
()
π
1
1
1
1
Figure 6b and its transfer function illustrate most of the
possible poles and zeroes that can be set and are shown
for the sake of completeness. In a practical application,
the transfer function simplifies considerably because not
all the poles and zeroes are used.
In both configurations, the terms RD, CTR, rπ, CCB and CBE.
vary from part to part and also change with bias current.
For most opto-couplers, RD is 50Ω at a DC bias of 1mA,
and 25
Ω at a DC bias of 2mA. CTR is the small signal AC
current transfer ratio. As an example, the Fairchild MOC207
opto-coupler has an AC CTR around 1, even though the
DC CTR is much lower when biased at 1mA or 2mA. Most
opto-coupler data sheets do not specify the terms CCB,
CBE and rπ and values must be obtained from empirical
measurements.
This frequency compensation discussion only addresses
the transfer function from the output back to the control
node on the primary-side. Compensation of the entire
feedback loop must combine this transfer function with
the transfer function of the power processing circuitry,
commonly referred to as the modulator. In an isolated
power supply, the modulator’s transfer function depends
on topology (flyback, forward, push-pull, bridge), cur-
rent or voltage mode control, operation in discontinuous
or continuous mode, input/output voltage, transformer
turns ratio and output load current. It is beyond this data
sheet’s scope to detail the transfer functions for all of the
various combinations. However, the power supply designer
must fully characterize and understand the modulator’s
transfer function to successfully frequency compensate
the feedback loop for all operating conditions.
Opto-Couplers
Opto-couplers are available in a wide variety of package
styles and performance criteria including isolation rating,
CTR, output transistor breakdown voltage, output transistor
current capability, and response time. Table 1 lists several
manufacturers of opto-coupler devices, although this is
by no means a complete list.
Table 1. Opto-Coupler Vendors
VENDOR
PHONE
URL
Agilent Technologies
800-235-0312
www.agilent.com
Fairchild Semiconductor
207-775-8100
www.fairchildsemi.com
Isocom
214-495-0755
www.isocom.com
Kodenshi Korea Corp.
82-63-839-2111
www.kodenshi.co.kr
NEC
81-44-435-1588
www.ncsd.necel.com
Sharp Microelectronics
877-343-2181
www.sharpsma.com
Toshiba
949-455-2000
www.toshiba.com
Vishay
402-563-6866
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com