Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4355
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4365
8
4365f
OPERATION
Many of today’s electronic systems get their power from
external sources such as a wall wart adapter, batteries
and custom power supplies. These power sources are
often unreliable, wired incorrectly, out of spec, or just
plain wrong. This can lead to supply voltages that are too
high, too low, or even negative. If these power sources
are applied directly to the electronic systems, the systems
could be subject to damage. The LTC4365 is an input
voltage fault protection N-channel MOSFET controller.
The part isolates an input supply from its load to protect
the load from unexpected supply voltage conditions, while
providing a low loss path for qualified power.
To protect electronic systems from improperly connected
power supplies, system designers will often add discrete
diodes, transistors and high voltage comparators. The
high voltage comparators enable system power only if
the input supply falls within a desired voltage window.
A Schottky diode or P-channel MOSFET typically added
in series with the supply protects against reverse supply
connections.
The LTC4365 provides accurate overvoltage and
undervoltage comparators to ensure that power is ap-
plied to the system only if the input supply meets the user
selectable voltage window. Reverse supply protection
circuits automatically isolate the load from negative input
voltages. During normal operation, a high voltage charge
pump enhances the gate of external N-channel power
MOSFETs. Power consumption is 10μA during shutdown
and 125μA while operating. The LTC4365 integrates all
these functions in tiny TSOT-23 and 3mm × 2mm DFN
packages.
APPLICATIONS INFORMATION
The LTC4365 is an N-channel MOSFET controller that
protects a load from faulty supply connections. A basic
application circuit using the LTC4365 is shown in Figure 1.
The circuit provides a low loss connection from VIN to
VOUT as long as the voltage at VIN is between 3.5V and
VIN
UV
OV
SHDN
OV = 18V
UV = 3.5V
4365 F01
VOUT
FAULT
GATE
VIN
12V NOMINAL
VOUT
3.5V TO 18V
SI4946
60V DUAL
GND
LTC4365
R5
100k
COUT
100μF
R3
1820k
R2
243k
R1
59k
+
M1
M2
Figure 1. LTC4365 Protects Load from –40V to
60V VIN Faults
18V. Voltages at VIN outside of the 3.5V to 18V range are
prevented from getting to the load and can be as high as
60V and as low as –40V. The circuit of Figure 1 protects
against negative voltages at VIN as shown. No other ex-
ternal components are needed.
During normal operation, the LTC4365 provides up to
9.8V of gate enhancement to the external back-to-back
N-channel MOSFETs. This turns on the MOSFET, thus
connecting the load at VOUT to the supply at VIN.
GATE Drive
The LTC4365 turns on the external N-channel MOSFETs
by driving the GATE pin above VOUT. The voltage differ-
ence between the GATE and VOUT pins (gate drive) is a
function of VIN and VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com