Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4355
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology LTC4355 Datasheet HTML 13Page - Linear Technology LTC4355 Datasheet HTML 14Page - Linear Technology LTC4355 Datasheet HTML 15Page - Linear Technology LTC4355 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4365
16
4365f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2010
LT 0910 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
VIN
UV
OV
SHDN
OV = 18V
UV = 3.5V
4365 TA02
VOUT
FAULT
GATE
SI4230 30V
DUAL N-CHANNEL
3.5V TO 18V
INPUT RANGE
VOUT PROTECTED
FROM –30V TO 30V
VIN
12V NOMINAL
VOUT
GND
LTC4365
510k
4.7μF
CERAMIC
2.2nF
1820k
243k
59k
VIN
SYNC
VC
SHDN
VSW
FB
GND
BOOST
LT1765-3.3
4.7μF
CERAMIC
OUTPUT
3.3V
2.5A
CMDSH-3
UPS120
1.5μH
0.18μF
LTC4365 Protects Step Down Regulator from –30V to 30V VIN Faults
PART NUMBER
DESCRIPTION
COMMENTS
LTC4356
Surge Stopper Overvoltage/Overcurrent
Protection Regulator
Wide Operating Range: 4V to 80V, Reverse Protection to –60V, Adjustable
Output Clamp Voltage
LTC1696
Overvoltage Protection Controller
ThinSOT Package, 2.7V to 28V
LTC1735
High Efficiency Synchronous Step-Down
Switching Regulator
Output Fault Protection, 16-Pin SSOP
LTC1778
No RSENSE™ Wide Input Range Synchronous
Step-Down Controller
Up to 97% Efficiency, 4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9)(VIN),
IOUT Up to 20A
LTC2909
Triple/Dual Inputs UV/OV Negative Monitor
Pin Selectable Input Polarity Allows Negative and OV Monitoring
LTC2912/LTC2913
Single/Dual UV/OV Voltage Monitor
Ads UV and OV Trip Values, ±1.5% Threshold Accuracy
LTC2914
Quad UV/OV Monitor
For Positive and Negative Supplies
LTC3727/LTC3727-1 2-Phase, Dual, Synchronous Controller
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 14V
LTC3827/LTC3827-1 Low IQ, Dual, Synchronous Controller
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 80μA Quiescent Current
LTC3835/LTC3835-1 Low IQ, Synchronous Step-Down Controller
Single Channel LTC3827/LTC3827-1
LT3845
Low IQ, Synchronous Step-Down Controller
4V ≤ VIN ≤ 60V, 1.23V ≤ VOUT ≤ 36V, 120μA Quiescent Current
LT3850
Dual, 550kHz, 2-Phase Synchronous Step-Down
Controller
Dual 180° Phased Controllers, VIN 4V to 24V, 97% Duty Cycle, 4mm × 4mm
QFN-28, SSOP-28 Packages
LT4256
Positive 48V Hot Swap Controller with
Open-Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output, Up to
80V Supply
LTC4260
Positive High Voltage Hot Swap Controller with
ADC and I2C
Wide Operating Range 8.5V to 80V
LTC4352
Ideal MOSFET ORing Diode
External N-Channel MOSFETs Replace ORing Diodes, 0V to 18V
LTC4354
Negative Voltage Diode-OR Controller
Controls Two N-Channel MOSFETs, 1μs Turn-Off, 80V Operation
LTC4355
Positive Voltage Diode-OR Controller
Controls Two N-Channel MOSFETs, 0.5μs Turn-Off, 80V Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com