Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4355
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology LTC4355 Datasheet HTML 13Page - Linear Technology LTC4355 Datasheet HTML 14Page - Linear Technology LTC4355 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4365
11
4365f
APPLICATIONS INFORMATION
The resistor values can then be solved:
1. R1+ R2 =
3mV
10nA
= 300k
2. R3 = 2•
3mV
10nA
• (3.5V – 0.5V) =1.8M
The closest 1% value: R3 = 1.82M:
3. R1 =
300k +1.82M
2 • 18V
= 58.9k
The closest 1% value: R1 = 59k:
R2 = 300k – 59k = 241k
The closest 1% value: R2 = 243k
Therefore: OV = 17.93V, UV = 3.51V.
Reverse VIN Protection
The LTC4365’s rugged and hot-swappable VIN input helps
protect the more sensitive circuits at the output load. If
the input supply is plugged in backwards, or a negative
supply is inadvertently connected, the LTC4365 prevents
this negative voltage from passing to the output load.
The LTC4365 employs a novel, high speed reverse sup-
ply voltage monitor. When the negative VIN voltage is
detected, an internal switch connects the gates of the
external back-to-back N-channel MOSFETs to the nega-
tive input supply.
As shown in Figure 6, external back-to-back N-channel
MOSFETs are required for reverse supply protection. When
VIN goes negative, the reverse VIN comparator closes the
internal switch, which in turn connects the gates of the
external MOSFETs to the negative VIN voltage. The body
diode (D1) of M1 turns on, but the body diode (D2) of M2
remains in reverse blocking mode. This means that the
common source connection of M1 and M2 remains about
a diode drop higher than VIN. Since the gate voltage of
M2 is shorted to VIN, M2 will be turned off and no cur-
rent can flow from VIN to the load at VOUT. Note that the
voltage rating of M2 must withstand the reverse voltage
excursion at VIN.
Figure 7 illustrates the waveforms that result when VIN
is hot plugged to –20V. VIN, GATE and VOUT start out at
ground just before the connection is made. Due to the
parasitic inductance of the VIN and GATE connections, the
voltage at the VIN and GATE pins ring significantly below
–20V. Therefore, a 40V N-channel MOSFET was selected
to survive the overshoot.
The speed of the LTC4365 reverse protection circuits is
evident by how closely the GATE pin follows VIN during
the negative transients. The two waveforms are almost
indistinguishable on the scale shown.
Figure 6. Reverse VIN Protection Circuits
VIN
4365 F06
VOUT
GATE
VIN = –40V
REVERSE VIN
COMPARATOR
CLOSES SWITCH
WHEN VIN IS NEGATIVE
GND
LTC4365
M1
D1
D2
M2
+
–
+
TO LOAD
COUT
Figure 7. Hot Swapping VIN to –20V
–20V
5V/DIV
GND
4365 F07
500ns/DIV
GATE
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com