Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
107
4.7.9
LVDS Display Bridge (LDB) Module Parameters
The LVDS interface complies with TIA/EIA 644-A standard. For more details, see TIA/EIA STANDARD
644-A, “Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits”.
4.7.10
One-Wire (OWIRE) Timing Parameters
Figure 58 depicts the RPP timing, and Table 66 lists the RPP timing parameters.
Figure 58. Reset and Presence Pulses (RPP) Timing Diagram
7Display control down for read
DISP_DOWN is predefined in REGISTER.
8Display control up for write
DISP_UP is predefined in REGISTER.
Table 66. RPP Sequence Delay Comparisons Timing Parameters
ID
Parameters
Symbol
Min
Typ
Max
Unit
OW1
Reset Time Low
tRSTL
480
511
—1
1 In order not to mask signaling by other devices on the 1-Wire bus, t
RSTL + tR should always be less than 960 µs.
µs
OW2
Presence Detect High
tPDH
15
—
60
µs
OW3
Presence Detect Low
tPDL
60
—
240
µs
OW4
Reset Time High
(includes recovery time)
tRSTH
480
512
—
µs
Tdicdrw
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicuw
1
2
---T
DI_CLK
ceil
×
2DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=
One-Wire bus
One Wire Device Tx
“Presence Pulse”
(BATT_LINE)
One-WIRE Tx
“Reset Pulse”
OW1
OW2
OW3
OW4
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com