Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
109
4.7.11
Pulse Width Modulator (PWM) Timing Parameters
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMO) external
pin.
Figure 62 depicts the timing of the PWM, and Table 69 lists the PWM timing parameters.
Figure 62. PWM Timing
Table 68. WR1 /RD Timing Parameters
ID
Parameter
Symbol
Min
Typ
Max
Unit
OW7
Write 1 Low Time
tLOW1
15
15
µs
OW8
Transmission Time Slot
tSLOT
60
117
120
µs
Read Data Setup
tSU
——
1
µs
OW9
Read Low Time
tLOWR
15
15
µs
OW10
Read Data Valid
tRDV
—15
—
µs
OW11
Release Time
tRELEASE
0—
45
µs
Table 69. PWM Output Timing Parameter
Ref. No.
Parameter
Min
Max
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
0
ipg_clk
MHz
2a
Clock high time
12.29
—
ns
2b
Clock low time
9.91
—
ns
3a
Clock fall time
—
0.5
ns
3b
Clock rise time
—
0.5
ns
4a
Output delay time
—
9.37
ns
4b
Output setup time
8.71
—
ns
System Clock
2a
1
PWM Output
3b
2b
3a
4b
4a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com