Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 188 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 188 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 189Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 190Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 191Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
188
Freescale Semiconductor
Package Information and Contact Assignments
GPIO_7
AC11
—
NVCC_GPIO
UHVIO
ALT1
gpio1_GPIO[7]
Input
360 K
Ω PD
GPIO_8
AD10
—
NVCC_GPIO
UHVIO
ALT1
gpio1_GPIO[8]
Input
360 K
Ω PD
GPIO_9
AC13
—
NVCC_GPIO
UHVIO
ALT1
gpio1_GPIO[9]
Input
100 K
Ω PU
JTAG_MOD
AD15
—
NVCC_JTAG
GPIO
ALT0
sjc_MOD
Input
100 K
Ω PU
JTAG_TCK
AD13
—
NVCC_JTAG
GPIO
ALT0
sjc_TCK
Input
100 K
Ω PD
JTAG_TDI
AC15
—
NVCC_JTAG
GPIO
ALT0
sjc_TDI
Input
47 K
Ω PU
JTAG_TDO
AG15
—
NVCC_JTAG
GPIO
ALT0
sjc_TDO
Input
Keeper
JTAG_TMS
AD16
—
NVCC_JTAG
GPIO
ALT0
sjc_TMS
Input
47 K
Ω PU
JTAG_TRSTB
AC17
—
NVCC_JTAG
GPIO
ALT0
sjc_TRSTB
Input
47 K
Ω PU
KEY_COL0
AG9
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[6]
Input4
100 K
Ω PU
KEY_COL1
AJ9
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[8]
Input
100 K
Ω PU
KEY_COL2
AG8
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[10]
Input
100 K
Ω PU
KEY_COL3
AJ8
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[12]
Input
100 K
Ω PU
KEY_COL4
AH7
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[14]
Input
100 K
Ω PU
KEY_ROW0
AH9
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[7]
Input
360 K
Ω PD
KEY_ROW1
AH8
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[9]
Input
100 K
Ω PU
KEY_ROW2
AJ7
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[11]
Input
100 K
Ω PU
KEY_ROW3
AG7
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[13]
Input
100 K
Ω PU
KEY_ROW4
AD8
—
NVCC_KEYPAD
UHVIO
ALT1
gpio4_GPIO[15]
Input
360 K
Ω PD
LVDS_BG_RES
C18
—
NVCC_LVDS_BG
ANALOG
—
LVDS_BG_RES
—
—
LVDS0_CLK_N
B19
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[25]
Input
Floating
LVDS0_CLK_P
A19
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[24]
Input
Floating
LVDS0_TX0_N
B22
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[31]
Input
Floating
LVDS0_TX0_P
A22
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[30]
Input
Floating
LVDS0_TX1_N
A21
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[29]
Input
Floating
LVDS0_TX1_P
B21
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[28]
Input
Floating
LVDS0_TX2_N
B20
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[27]
Input
Floating
LVDS0_TX2_P
A20
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[26]
Input
Floating
LVDS0_TX3_N
B18
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[23]
Input
Floating
LVDS0_TX3_P
A18
—
NVCC_LVDS
LVDS
ALT0
gpio7_GPI[22]
Input
Floating
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com