Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 189Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 190Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 191Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 192Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
189
LVDS1_CLK_N
A15
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[27]
Input
Floating
LVDS1_CLK_P
B15
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[26]
Input
Floating
LVDS1_TX0_N
B17
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[31]
Input
Floating
LVDS1_TX0_P
A17
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[30]
Input
Floating
LVDS1_TX1_N
A16
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[29]
Input
Floating
LVDS1_TX1_P
B16
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[28]
Input
Floating
LVDS1_TX2_N
A14
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[25]
Input
Floating
LVDS1_TX2_P
B14
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[24]
Input
Floating
LVDS1_TX3_N
A13
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[23]
Input
Floating
LVDS1_TX3_P
B13
—
NVCC_LVDS
LVDS
ALT0
gpio6_GPI[22]
Input
Floating
NANDF_ALE
N3
L2
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[8]
Input
100 K
Ω PU
NANDF_CLE
G16
—
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[7]
Input
100 K
Ω PU
NANDF_CS0
P2
M1
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[11]
Input
100 K
Ω PU
NANDF_CS1
A11
—
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[14]
Input
100 K
Ω PU
NANDF_CS2
C12
—
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[15]
Input
100 K
Ω PU
NANDF_CS3
A12
—
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[16]
Input
100 K
Ω PU
NANDF_RB0
C15
—
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[10]
Input
100 K
Ω PU
NANDF_RE_B
M3
K2
NVCC_EIM_MAIN
UHVIO
ALT1
gpio6_GPIO[13]
Input
100 K
Ω PU
NANDF_WE_B
M2
K1
NVCC_EIM_MAIN
UHVIO
ALT1
gpio6_GPIO[12]
Input
100 K
Ω PU
NANDF_WP_B
T2
N1
NVCC_NANDF
UHVIO
ALT1
gpio6_GPIO[9]
Input
100 K
Ω PU
PATA_BUFFER_
EN
V6
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[1]
Input
100 K
Ω PU
PATA_CS_0
AA2
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[9]
Input
100 K
Ω PU
PATA_CS_1
AB1
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[10]
Input
100 K
Ω PU
PATA_DA_0
N2
L1
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[6]
Input
100 K
Ω PU
PATA_DA_1
AB2
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[7]
Input
100 K
Ω PU
PATA_DA_2
Y3
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[8]
Input
100 K
Ω PU
PATA_DATA0
B9
A7
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[0]
Input
100 K
Ω PU
PATA_DATA1
B8
B6
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[1]
Input
100 K
Ω PU
PATA_DATA10
B10
A8
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[10]
Input
100 K
Ω PU
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com