Electronic Components Datasheet Search
  English  ▼

X  

33882 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33882 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Analog Integrated Circuit Device Data
3
Freescale Semiconductor
33882
PIN CONNECTIONS
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
VPWR
IN0&IN1
MODE
IN0
OUT0
IN1
OUT1
NC
IN2
OUT2
NC
SI
SCLK
CS
SO
OUT6
IN6
IN4&IN5
IN5
OUT5
NC
IN4
OUT4
NC
IN3
OUT3
IN2&IN3
IN7
OUT7
VDD
HEATSINK
GND
TRANSPARENT TOP VIEW
30 PIN HSOP
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
IN4&IN5
IN6
OUT6
GND
GND
VPWR
IN0&IN1
MODE
OUT7
VDD
GND
GND
GND
GND
SO
CS
TRANSPARENT TOP VIEW
32 PIN QFN
HEATSINK
GND
NC
VDD
OUT7
IN7
IN2&IN3
OUT3
IN3
OUT4
IN4
OUT5
IN5
IN4&IN5
IN6
OUT6
GND
GND
NC
SO
CS
SCLK
SI
OUT2
IN2
OUT1
IN1
OUT0
IN0
MODE
IN0&IN1
VPWR
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
TRANSPARENT TOP VIEW
32 PIN SOIC
HEATSINK
Figure 3. HSOP, QFN, and SOIC Pin Connections
Table 1. HSOP Pin Function Description
30 Pin
HSOP
32 Pin
QFN
32 Pin
SOIC
Pin Name
Formal Name
Definition
1
6
18
VPWR
Load Supply Voltage
This pin is connected to battery voltage. A decoupling cap is required from
VPWR to ground.
2
19
28
7
26
1
19
6
13
IN0 & IN1
IN2 & IN3
IN4 & IN5
Input 0 & Input 1
Input 2 & Input 3
Input 4 & Input 5
These input pins control two output channels each when the MODE pin is
pulled high. These pins may be connected to pulse width modulated (PWM)
outputs of the control IC while the MODE pin is high. The states of these pins
are ignored during normal operation (MODE pin low), and override the
normal inputs (serial or parallel) when the MODE pin is high. These pins
have internal active 25
μA pull-downs.
3
8
20
MODE
Mode Select
The MODE pin is connected to the MODE pin of the control IC. This pin has
an internal active 25
μA pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com