Electronic Components Datasheet Search
  English  ▼

X  

33882 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33882
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
SO PIN
The Serial Output pin is connected to the SPI Serial Data
Input pin of the control IC or to the SI pin of the next device in
a daisy chain. This output will remain tri-stated unless the
device is selected by a low CS pin or the MODE pin goes low.
The output signal generated will have CMOS logic levels and
the output data will transition on the falling edges of SCLK.
The serial output data provides fault information for each
output and is returned MSB first when the device is
addressed. Fault bit assignments for return data are as
follows: MSB-0 through MSB-7 are output fault bits for OUT7
to OUT0, respectively. In 8-bit SPI mode, under normal
conditions, the SO pin (not daisy chained) returns all 0s,
representing no faults. If a fault is present, a 1 is returned for
the appropriate bit. In 16-bit SPI mode, sending a double
command byte will provide a command verification byte
following the fault status byte returned from the SO pin (non-
daisy chained). With the MODE pin high, the serial output pin
tri-states. If nothing is connected to the SO pin except an
external 10 k
Ω pull-up resistor, data is read as all [1]s by the
control IC.
VDD PIN
This pin is connected to the 5.0 V power supply of the
system. A decoupling capacitor is required from VDD to
ground.
PERFORMANCE FEATURES
NORMAL OPERATION
OUT0 to OUT7 are independent during normal operation.
OUT0 to OUT5 may be driven serially or by their parallel input
pins. OUT6 and OUT7 can only be controlled by their parallel
input pins. Device operation is considered normal only if the
following conditions apply:
•VPWR of 5.5 V to 24 V, and VDD voltage of 4.75 V to 5.25 V.
• Junction temperatures less than 150
°C.
• For each output, drain voltage exceeds the Open Load
OFF Detection Voltage, specified in the specification table,
while the output is OFF. For open load detection, an open
condition existing for less than the Open Load Detection
time, specified in the specification table, is not considered
a fault nor is it reported to the fault status register.
•The MODE pin is held at the logic low level, keeping the
serial channel/parallel input pins in control of the eight
outputs.
SERIAL/PARALLEL INPUT CONTROL
Input control is accomplished by the serial control byte
sent via the SPI port from the control IC or by the parallel
control pins for each channel. For channels 0 to 5 with serial
and parallel control the output state is determined by the OR
of the serial bit and the parallel input pin state. Serial
communication is initiated by a low state on the CS pin and
timed by the SCLK signal. After CS switches low, the IC
initiates eight or 16 clock pulses with the control bits being
available on the SI pin at the rising edge of SCLK.
The bits are transferred in descending bit-significant
order. Any fault or MODE indications on bits returned are logic
[1]s. The last six bits are the command signals to the six
outputs. Upon completion of the serial communication the CS
pin will switch high. This terminates the communication with
the slave device and loads the control bits just received to the
output channels. Upon device power-up, the serial register is
cleared.
In the application for non-daisy chain configurations, the
number of SPI devices available to be driven by the SO pin is
limited to eight devices.
SERIAL STATUS OUTPUT
Serial output information sent on the SPI port is a check on
the fault status of each output channel as well as a check for
MODE
initiation. Serial command verification is also possible.
SO PIN OPERATION
The SO pin provides SPI status, allowing daisy chaining.
The status bits returned to the IC are the fault register bits
with logic [1]s indicating a fault on the designated output or
MODE
if all bits return logic [1] (with a 10 k
Ω pull-up resistor
on the SO pin). A command verification is possible if the SPI
mode is switched to 16 bits. The first byte (8 bits) returned
would be the fault status, while the second byte returned
would be the first byte sent feeding through the 33882 IC.
The second command byte sent would be latched into the
33882 IC. The CS pin switching low indicates the device is
selected for serial communication with the IC. Once CS
switches low, the fault status register cannot receive new
fault information and serial communication begins. As the
control bits are clocked from the IC MSB first, they are
received on rising SCLK edges at the SI pin.
The fault status bits transition on the SO pin on falling
SCLK edges and are sampled on rising SCLK edges at the
input pin of the IC SPI device. When the command bit
transmissions for serial communication are complete, the CS
pin is switched high. This terminates communication with the
device. The SO pin tri-states, the fault status register is
opened to accept new fault information, and the transmitted
command data is loaded to the outputs. At the same time, the
IC can read the status byte it received.
DAISY CHAIN OPERATION (ONLY POSSIBLE WITH
SO PIN)
Daisy chain configurations can be used with the SO pin to
save CS outputs on the IC. Clocking and pin operations are
as defined in the SO Pin Operation paragraph. For daisy
chaining two 8-bit devices, a 16-bit SPI command is sent, the
first command byte for the second daisy chain device and the
second command byte for the first daisy chain device. A
command verification is possible if the SPI mode is switched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com