Electronic Components Datasheet Search
  English  ▼

X  

33882 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RESISTANCE (12), (13)
Junction-to-Ambient, Natural Convection, Single-Layer Board (1s) (14)
HSOP
QFN
SOIC
RθJA
41
85
72
°C/W
Junction-to-Ambient, Natural Convection, Four-Layer Board (2s2p) (15)
HSOP
QFN
SOIC(17)
RθJMA
18
27
TBD
°C/W
Junction-to-Board (Bottom)
HSOP
QFN
SOIC(17)
RθJB
3.0
10
TBD
°C/W
Junction-to-Case (Top) (16)
HSOP
QFN
SOIC
RθJC
0.2
1.2
1.0
°C/W
Notes
12.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
13.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
14.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
15.
Per JEDEC JESD51-6 with the board horizontal.
16.
Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC
883, Method 1012.1) with the cold plate temperature used for the case temperature.
17.
This value will be included when available.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com