Electronic Components Datasheet Search
  English  ▼

X  

BGU7007 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGU7007 Datasheet HTML 1Page - NXP Semiconductors BGU7007 Datasheet HTML 2Page - NXP Semiconductors BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
BGU7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2011
4 of 19
NXP Semiconductors
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
7.
Characteristics
Table 7.
Characteristics
f = 1559 MHz to 1610 MHz; VCC = 1.8 V; VENABLE >= 0.8 V; Pi < −40 dBm; Tamb =25 °C; input matched to 50 Ω using a
5.6 nH inductor; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
RF input AC coupled
1.5
-
2.85
V
ICC
supply current
VENABLE ≥ 0.8 V
Pi < −40 dBm
3.4
4.8
6.1
mA
Pi = −20 dBm
8.9
12.8 15.9
mA
VENABLE ≤ 0.35 V
--1
μA
Tamb
ambient temperature
−40 +25 +85
°C
Gp
power gain
Tamb =25 °C
Pi < −40 dBm, no jammer
16.5 18.5 20.5
dB
Pi = −20 dBm, no jammer
17.5 19.5 21.5
dB
Pjam = −20 dBm; fjam = 850 MHz
17.5 19.5 21.5
dB
Pjam = −20 dBm; fjam = 1850 MHz
17.5 19.5 21.5
dB
−40 °C ≤ T
amb ≤ +85 °C
Pi < −40 dBm, no jammer
16
-
21
dB
Pi = −20 dBm, no jammer
17
-
22
dB
Pjam = −20 dBm; fjam = 850 MHz
17
-
22
dB
Pjam = −20 dBm; fjam = 1850 MHz
17
-
22
dB
RLin
input return loss
Pi < −40 dBm
5
7
-
dB
Pi = −20 dBm
7
10
-
dB
RLout
output return loss
Pi < −40 dBm
1218-
dB
Pi = −20 dBm
1524-
dB
ISL
isolation
22
24
-
dB
NF
noise figure
Tamb =25 °C
Pi < −40 dBm, no jammer
[1]
-
0.85 1.2
dB
Pi < −40 dBm, no jammer
[2]
-
0.90 1.3
dB
Pi = −20 dBm, no jammer
-
1.2
1.6
dB
Pjam = −20 dBm; fjam = 850 MHz
-
1.1
1.5
dB
Pjam = −20 dBm; fjam = 1850 MHz
-
1.3
1.7
dB
−40 °C ≤ T
amb ≤ +85 °C
Pi < −40 dBm, no jammer
-
-
1.7
dB
Pi = −20 dBm, no jammer
-
-
1.9
dB
Pjam = −20 dBm; fjam = 850 MHz
-
-
1.8
dB
Pjam = −20 dBm; fjam = 1850 MHz
-
-
2.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com