Electronic Components Datasheet Search
  English  ▼

X  

BGU7007 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGU7007 Datasheet HTML 2Page - NXP Semiconductors BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors BGU7007 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
BGU7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2011
6 of 19
NXP Semiconductors
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
8.
Application information
8.1 GNSS LNA
For a list of components see Table 9.
Fig 1.
Schematics GNSS LNA evaluation board
Table 9.
List of components
For schematics see Figure 1.
Component
Description
Value
Supplier
Remarks
C1
decoupling capacitor
1 nF
various
IC1
BGU7007
-
NXP
L1
high quality matching inductor
5.6 nH
Murata LQW15A
001aak685
Ven
RFin
3
IC1
5
2
4
1
6
RFout
Vcc
C1
L1
Pi = −45 dBm.
(1) Tamb = −40 °C
(2) Tamb = +25 °C
(3) Tamb = +85 °C
Pi = −45 dBm.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
Fig 2.
Supply current as a function of supply voltage;
typical values
Fig 3.
Supply current as a function of ambient
temperature; typical values
VCC (V)
1.0
3.5
3.0
2.0
2.5
1.5
001aao158
4.5
5.5
6.5
ICC
(mA)
3.5
(1)
(3)
(2)
Tamb (°C)
-55
105
65
-15
25
001aao159
4.0
5.0
6.0
ICC
(mA)
3.0
(3)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com