Electronic Components Datasheet Search
  English  ▼

X  

BGU7007 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGU7007 Datasheet HTML 1Page - NXP Semiconductors BGU7007 Datasheet HTML 2Page - NXP Semiconductors BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Product profile
1.1 General description
The BGU7007 is a Low Noise Amplifier (LNA) for GNSS receiver applications in a plastic
leadless 6-pin, extremely small SOT886 package. The BGU7007 requires only one
external matching inductor and one external decoupling capacitor.
The BGU7007 adapts itself to the changing environment resulting from co-habitation of
different radio systems in modern cellular handsets. It has been designed for low power
consumption and optimal performance when jamming signals from co-existing cellular
transmitters are present. At low jamming power levels it delivers 18.5 dB gain at a noise
figure of 0.85 dB. During high jamming power levels, resulting for example from a cellular
transmit burst, it temporarily increases its bias current to improve sensitivity.
1.2 Features and benefits
Covers full GNSS L1 band, from 1559 MHz to 1610 MHz
Noise figure (NF) = 0.85 dB
Gain 18.5 dB
High input1 dB compression point Pi (1dB) of −12 dBm
High out of band IP3i of 4 dBm
Supply voltage 1.5 V to 2.85 V
Power-down mode current consumption < 1
μA
Optimized performance at low supply current of 4.8 mA
Integrated temperature stabilized bias for easy design
Requires only one input matching inductor and one supply decoupling capacitor
Input and output DC decoupled
ESD protection on all pins (HBM > 2 kV)
Integrated matching for the output
Small 6-pin leadless package 1 mm
× 1.45 mm × 0.5 mm
110 GHz transit frequency - SiGe:C technology
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and
Galileo
Rev. 1 — 20 May 2011
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BGU7007

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7007 PHILIPS-BGU7007 Datasheet
1Mb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7007 PHILIPS-BGU7007 Datasheet
331Kb / 2P
The best reception of GNSS signals with the smallest footprint
October 2011
BGU7007 NXP-BGU7007 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BGU7007_1111 PHILIPS-BGU7007_1111 Datasheet
1Mb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
More results

Similar Description - BGU7007

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7004 PHILIPS-BGU7004 Datasheet
1Mb / 20P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 1-5 July 2011
BGU7005 PHILIPS-BGU7005_11 Datasheet
277Kb / 20P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 4-6 May 2011
BGU7007_1111 PHILIPS-BGU7007_1111 Datasheet
1Mb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7008 PHILIPS-BGU7008 Datasheet
1Mb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU8010 NXP-BGU8010 Datasheet
325Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-24 December 2013
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU8309 NXP-BGU8309 Datasheet
115Kb / 13P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4-18 January 2017
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com