Electronic Components Datasheet Search
  English  ▼

X  

BUJ303AX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUJ303AX
Description  NPN power transistor Very high voltage capability Isolated package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ303AX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUJ303AX Datasheet HTML 2Page - NXP Semiconductors BUJ303AX Datasheet HTML 3Page - NXP Semiconductors BUJ303AX Datasheet HTML 4Page - NXP Semiconductors BUJ303AX Datasheet HTML 5Page - NXP Semiconductors BUJ303AX Datasheet HTML 6Page - NXP Semiconductors BUJ303AX Datasheet HTML 7Page - NXP Semiconductors BUJ303AX Datasheet HTML 8Page - NXP Semiconductors BUJ303AX Datasheet HTML 9Page - NXP Semiconductors BUJ303AX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUJ303AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 05 — 3 May 2011
6 of 14
NXP Semiconductors
BUJ303AX
NPN power transistor
7.
Characteristics
[1]
Measured with half-sine wave voltage (curve tracer).
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off
current
VBE =0V; VCE = 1000 V; Th =25 °C
[1]
--1
mA
VBE =0V; VCE = 1000 V; Tj =125 °C
[1]
--2
mA
ICBO
collector-base cut-off current VCB =1000V; IE =0A; Th =25°C
[1]
--1
mA
ICEO
collector-emitter cut-off
current
VCE =500 V; IB =0A; Th =25°C
[1]
--0.1
mA
IEBO
emitter-base cut-off current
VEB =9V; IC =0A; Th = 25 °C
--0.1
mA
VCEOsus
collector-emitter sustaining
voltage
IB =0A; IC =10mA; LC =25mH;
Th = 25 °C; see Figure 6; see Figure 7
500
-
-
V
VCEsat
collector-emitter saturation
voltage
IC =3A; IB = 0.6 A; Th =25 °C;
see Figure 8; see Figure 9
-
0.25
1.5
V
VBEsat
base-emitter saturation
voltage
IC =3A; IB = 0.6 A; Th =25 °C;
see Figure 10
-
0.97
1.3
V
hFE
DC current gain
IC =5mA; VCE =5V; Th =25°C;
see Figure 11
10
22
35
IC = 500 mA; VCE =5V; Th =25 °C;
see Figure 11
14
25
35
hFEsat
DC saturation current gain
IC = 2.5 A; VCE =5V; Th =25°C;
see Figure 11
10
13.5
17
IC =3A; VCE =5V; Th =25 °C;
see Figure 11
-12
-
Dynamic characteristics
ton
turn-on time
IC = 2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =75 Ω; VBB =-4V; Th =25°C;
resistive load; see Figure 12;
see Figure 13
-0.5
0.7
µs
ts
storage time
-
3.3
4
µs
IC = 2.5 A; IBon = 0.5 A; VBB =-5V;
LB =1µH; Th = 25 °C; inductive load;
see Figure 14; see Figure 15
-1.4
1.6
µs
IC = 2.5 A; IBon = 0.5 A; VBB =-5V;
LB =1µH; Tj = 100 °C; inductive load;
see Figure 14; see Figure 15
-1.7
1.9
µs
tf
fall time
IC = 2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =75 Ω; VBB =-4V; Th =25°C;
resistive load; see Figure 12;
see Figure 13
-
0.33
0.45
µs
IC = 2.5 A; IBon = 0.5 A; VBB =-5V;
LB =1µH; Th =25°C; see Figure 14;
see Figure 15
-
145
160
ns
IC = 2.5 A; IBon = 0.5 A; VBB =-5V;
LB =1µH; Tj = 100 °C; inductive load;
see Figure 14; see Figure 15
-
160
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com