Electronic Components Datasheet Search
  English  ▼

X  

BUJ303AX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUJ303AX
Description  NPN power transistor Very high voltage capability Isolated package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ303AX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUJ303AX Datasheet HTML 3Page - NXP Semiconductors BUJ303AX Datasheet HTML 4Page - NXP Semiconductors BUJ303AX Datasheet HTML 5Page - NXP Semiconductors BUJ303AX Datasheet HTML 6Page - NXP Semiconductors BUJ303AX Datasheet HTML 7Page - NXP Semiconductors BUJ303AX Datasheet HTML 8Page - NXP Semiconductors BUJ303AX Datasheet HTML 9Page - NXP Semiconductors BUJ303AX Datasheet HTML 10Page - NXP Semiconductors BUJ303AX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUJ303AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 05 — 3 May 2011
7 of 14
NXP Semiconductors
BUJ303AX
NPN power transistor
Fig 6.
Test circuit for collector-emitter sustaining
voltage
Fig 7.
Oscilloscope display for collector-emitter
sustaining voltage test waveform
Fig 8.
Collector-emitter saturation voltage as a
function of base current; typical values
Fig 9.
Collector-emitter saturation voltage as a
function of collector current; typical values
001aab987
horizontal
1
Ω
300
Ω
6 V
vertical
oscilloscope
50 V
100
Ω to 200 Ω
30 Hz to 60 Hz
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0
IB (A)
10-2
10
1
10-1
003aag031
0.8
1.2
0.4
1.6
2.0
VCEsat
(V)
0
IC = 1 A
2 A 3 A
4 A
003aag032
VCEsat
(V)
IC (A)
10-1
10
1
0.2
0.1
0.3
0.4
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com