Electronic Components Datasheet Search
  English  ▼

X  

UBA2015AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UBA2015AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UBA2015AT Datasheet HTML 6Page - NXP Semiconductors UBA2015AT Datasheet HTML 7Page - NXP Semiconductors UBA2015AT Datasheet HTML 8Page - NXP Semiconductors UBA2015AT Datasheet HTML 9Page - NXP Semiconductors UBA2015AT Datasheet HTML 10Page - NXP Semiconductors UBA2015AT Datasheet HTML 11Page - NXP Semiconductors UBA2015AT Datasheet HTML 12Page - NXP Semiconductors UBA2015AT Datasheet HTML 13Page - NXP Semiconductors UBA2015AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
10 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
7.4 Fluorescent lamp control
The IC incorporates all the regulation and control needed for the fluorescent lamp(s), such
as filament preheat, ignition frequency sweep, lamp voltage limitation, lamp current
control, start-up boost, dimming, end-of-life detection, overcurrent protection and hard
switching limiting.
In the UBA2016A/15/15A, 7 different operating states can be distinguished. In each state
the IC acts in a specific way, as described in the next paragraphs. Figure 9 shows the
possible transitions between the states with their conditions.
Fig 8.
Oscillator, driver and half-bridge voltages
tno
time
0
VCF
time
VGHHB
VSHHB
VSHHB + VVDD
VVDD
VBUS
time
0
VGLHB
time
0
VSHHB
001aam537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com