Electronic Components Datasheet Search
  English  ▼

X  

UBA2015AT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # UBA2015AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button UBA2015AT Datasheet HTML 12Page - NXP Semiconductors UBA2015AT Datasheet HTML 13Page - NXP Semiconductors UBA2015AT Datasheet HTML 14Page - NXP Semiconductors UBA2015AT Datasheet HTML 15Page - NXP Semiconductors UBA2015AT Datasheet HTML 16Page - NXP Semiconductors UBA2015AT Datasheet HTML 17Page - NXP Semiconductors UBA2015AT Datasheet HTML 18Page - NXP Semiconductors UBA2015AT Datasheet HTML 19Page - NXP Semiconductors UBA2015AT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
16 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
The output of the OTA is connected to pin CIFB. The external capacitor Cext(CIFB) is
charged and discharged according to the voltage on the OTA inputs and the
transconductance of the OTA, gm(IFB) according to the formula:
ICIFB =gm(IFB) × (VIFB − Vreg(IFB).
More components can be connected to pin CIFB to improve the response time and
stability of the lamp current control loop.
Pin CIFB is connected to the input of the VCO (Voltage Controlled Oscillator) that
determines the frequency of the IC. Pin CIFB voltage is inversely proportional to the
switching frequency. When the load is inductive, an increase in frequency decreases the
lamp current, and a decrease in frequency increases the lamp current. With the closed
loop for the lamp current in place, the IC will regulate to the required frequency for the
desired lamp current. So when the IC enters Burn state it will go to either point D or H
shown in Figure 10 (UBA2015A) or Figure 11 (UBA2016A) depending on the DIM input
voltage.
Fig 12. Lamp current control
Rext(IFB)
Ri(IFB)
Cext(CF)
Ich(low)(CF)
clock
Vhigh(CF)
Ibias(DIM)
Vreg(ref)
DOUBLE SIDE
RECTIFIER
OTA
VOLTAGE
CONTROLLED
OSCILLATOR
VOLTAGE
CONTROLLED
CURRENT SOURCE
VDD
VDD
VDD
Cext(CIFB)
CIFB
gm(IFB)
VDD
CF
IFB
Ilamp
BOOST
grey circuit parts are not present in some types
IBOOST
VDD
÷ 2
DIM
1
3.5
1
1
7.8
001aan205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com