Electronic Components Datasheet Search
  English  ▼

X  

UBA2015AT Datasheet(PDF) 28 Page - NXP Semiconductors

Part # UBA2015AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AT Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button UBA2015AT Datasheet HTML 24Page - NXP Semiconductors UBA2015AT Datasheet HTML 25Page - NXP Semiconductors UBA2015AT Datasheet HTML 26Page - NXP Semiconductors UBA2015AT Datasheet HTML 27Page - NXP Semiconductors UBA2015AT Datasheet HTML 28Page - NXP Semiconductors UBA2015AT Datasheet HTML 29Page - NXP Semiconductors UBA2015AT Datasheet HTML 30Page - NXP Semiconductors UBA2015AT Datasheet HTML 31Page - NXP Semiconductors UBA2015AT Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
28 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
Rsink(GHHB)
sink resistance on pin GHHB
VSHHB =0 V; VGHHB = 2 V
13.5
16
18.5
Ω
tno
non-overlap time
1.25
1.50
1.75
μs
VFd(bs)
bootstrap diode forward voltage
IFS = 5 mA
1.0
1.5
2.0
V
Dimming
Ibias(DIM)
bias current on pin DIM
VDIM =1V
−28
−26
−24
μA
Ri(DIM)
input resistance on pin DIM
VDIM =2.5 V
-
30
-
k
Ω
HB protection
Vth(sat)(SLHB)
saturation threshold voltage on pin
SLHB
2.35
2.50
2.65
V
td(det)sat
saturation detection delay time
Burn state
-
0.3
-
μs
tleb(SLHB)
leading edge blanking time on pin SLHB
260
340
420
ns
Iadd(CF)
additional current on pin CF
VSLHB >Vth(sat)SLHB; VCF =2V
−107 −96
−85
μA
Ibias(SLHB)
bias current on pin SLHB
VSLHB =2.5 V
−10
−8.5
−7
μA
Vth(ocd)(IFB)
overcurrent detection threshold voltage
on pin IFB
2.8
3.0
3.2
V
Vth(osp)(VFB)
open/short protection threshold voltage
on pin VFB
40
80
120
mV
Vth(ov)(VFB)
overvoltage threshold voltage on pin
VFB
2.4
2.5
2.6
V
tdet(fault)
fault detection time
-
125
-
μs
overvoltage extra or capacitive
mode during burn state
-50
-
μs
trel(fault)
fault release time
-
1
-
ms
Vth(ovextra)(VFB)
overvoltage extra threshold voltage on
pin VFB
3.2
3.35
3.5
V
Ibias(VFB)
bias current on pin VFB
2.3
2.6
2.9
μA
Vth(low)EOL
low threshold voltage on pin EOL
VFBPFC = 1.27 V
1.21
1.27
1.33
V
Vth(high)EOL
high threshold voltage on pin EOL
VFBPFC = 1.27 V
2.39
2.54
2.69
V
Ibias(EOL)
bias current on pin EOL
VEOL = 1.9 V
15.2
16.0
16.8
μA
Vth(oveol)(VFB)
overvoltage end-of-life threshold voltage
on pin VFB
pin DIM open
0.8
0.88
0.96
V
UBA2015A; UBA2016A
VDIM = 1.0 V
0.92
1.0
1.08
V
UBA2015A; UBA2016A
VDIM = 0.5 V
1.15
1.23
1.31
V
Ven(oveol)(DIM)
overvoltage end-of-life enable voltage
on pin DIM
UBA2015A; UBA2016A
0.21
0.25
0.29
V
Vth(hswp)SHHB
hard switching protection threshold
voltage on pin SHHB
fsw =50kHz
-
100
-
V
Vth(zvs)SHHB
zero voltage switching detection
threshold voltage on pin SHHB
fsw =50kHz
-
30
-
V
Vth(hswr)SHHB
hard switching regulation threshold
voltage on pin SHHB
fsw =50kHz
-
100
-
V
Table 6.
Characteristics …continued
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com