Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005ELD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG2005ELD
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier Low reverse current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005ELD Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG2005ELD Datasheet HTML 1Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 2Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 3Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 4Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 5Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 6Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 7Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 8Page - NXP Semiconductors PMEG2005ELD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PMEG2005ELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 4 May 2011
3 of 14
NXP Semiconductors
PMEG2005ELD
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[2]
Tj =25 °C prior to surge.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
20
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f = 20 kHz
Tamb ≤ 85 °C
[1] -0.5
A
Tsp ≤ 130 °C-
0.5
A
IFRM
repetitive peak forward
current
tp ≤ 1 ms; δ≤ 0.25
-
2.5
A
IFSM
non-repetitive peak
forward current
square wave; tp =8ms
[2] -3
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -340
mW
[1] -660
mW
[4] -
1000
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com