Electronic Components Datasheet Search
  English  ▼

X  

AD6643 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6643 Datasheet HTML 9Page - Analog Devices AD6643 Datasheet HTML 10Page - Analog Devices AD6643 Datasheet HTML 11Page - Analog Devices AD6643 Datasheet HTML 12Page - Analog Devices AD6643 Datasheet HTML 13Page - Analog Devices AD6643 Datasheet HTML 14Page - Analog Devices AD6643 Datasheet HTML 15Page - Analog Devices AD6643 Datasheet HTML 16Page - Analog Devices AD6643 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD6643
Rev. 0 | Page 13 of 36
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
DNC
DNC
DNC
DNC
DNC
DNC
DRVDD
B0/D0– (LSB)
B0/D0+ (LSB)
BD1–/D2–
BD1+/D2+
BD3–/D4–
BD3+/D4+
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE PACKAGE PROVIDES THE
ANALOG GROUND FOR THE PART. THIS EXPOSED PADDLE MUST BE CONNECTED TO
GROUND FOR PROPER OPERATION.
PDWN
OEB
CSB
SCLK
SDIO
OR+
OR–
AD9+/D10+ (MSB)
A D9–/D10– (MSB)
AD7+/D8+
A D7–/D8–
DRVDD
AD5+/D6+
A D5–/D6–
AD3+/D4+
A D3–/D4–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD6643
CHANNEL
MULTIPLEXED
(EVEN/ODD)
LVDS MODE
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 5. Pin Configuration (Top View), LFCSP Channel Multiplexed (Even/Odd) LVDS
Table 9. Pin Function Descriptions for the Channel Multiplexed (Even/Odd) LVDS Mode
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54, 59,
60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
4 to 9, 26, 27, 55,
56, 58
DNC
Do Not Connect. Do not connect to these pins.
0
AGND, Exposed
Paddle
Ground
The exposed thermal paddle on the bottom of the package provides the
analog ground for the part. This exposed paddle must be connected to
ground for proper operation.
ADC Analog
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin should be
decoupled to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
11
B 0/D0− (LSB)
Output
Channel B LVDS Output 0/Data 0—Complement. The output bit on the rising
edge of the data clock output (DCO) from this output is always a Logic 0.
12
B 0/D0+ (LSB)
Output
Channel B LVDS Output 0/Data 0—True. The output bit on the rising edge of
the data clock output (DCO) from this output is always a Logic 0.
13
B D1−/D2−
Output
Channel B LVDS Output Data 1/Data 2—Complement.
14
B D1+/D2+
Output
Channel B LVDS Output Data 1/Data 2—True.
15
B D3−/D4−
Output
Channel B LVDS Output Data 3/Data 4—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com