Electronic Components Datasheet Search
  English  ▼

X  

AD6643 Datasheet(PDF) 21 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6643 Datasheet HTML 17Page - Analog Devices AD6643 Datasheet HTML 18Page - Analog Devices AD6643 Datasheet HTML 19Page - Analog Devices AD6643 Datasheet HTML 20Page - Analog Devices AD6643 Datasheet HTML 21Page - Analog Devices AD6643 Datasheet HTML 22Page - Analog Devices AD6643 Datasheet HTML 23Page - Analog Devices AD6643 Datasheet HTML 24Page - Analog Devices AD6643 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD6643
Rev. 0 | Page 21 of 36
AD8376
AD6643
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
2.5kΩ║2pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT 0603CS COMPONENTS
WITH THE EXCEPTION OF THE 1µH CHOKE INDUCTORS (0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
180nH
220nH
Figure 31. Differential Input Configuration Using the AD8376
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD6643.
The full-scale input range can be adjusted by varying the reference
voltage via the SPI. The input span of the ADC tracks reference
voltage changes linearly.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD6643 sample clock
inputs (CLK+ and CLK−) by using a differential signal. The
signal is typically ac-coupled into the CLK+ and CLK− pins via
a transformer or capacitors. These pins are biased internally
(see Figure 32) and require no external bias. If the inputs are
floated, the CLK− pin is pulled low to prevent spurious clocking.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 32. Equivalent Clock Input Circuit
Clock Input Options
The AD6643 has a very flexible clock input structure. Clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter
is of the most concern, as described in the Jitter Considerations
section.
Figure 33 and Figure 34 show two preferred methods for clocking
the AD6643 (at clock rates of up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal using an RF balun or RF transformer.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 200 MHz. The
back-to-back Schottky diodes across the transformer secondary
limit clock excursions into the AD6643 to approximately 0.8 V p-p
differential. This limit helps prevent the large voltage swings of the
clock from feeding through to other portions of the AD6643, yet
preserves the fast rise and fall times of the signal, which are critical
to low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 33. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 34. Balun-Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 35. The AD9510, AD9511, AD9512,
AD9513, AD9514, AD9515, AD9516, AD9517, AD9518, AD9520,
AD9522, and the ADCLK905/ADCLK907/ADCLK925, clock
drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 35. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 36. The AD9510,
AD9511, AD9512, AD9513, AD9514, AD9515, AD9516,
AD9517, AD9518, AD9520, AD9522, AD9523, and AD9524
clock drivers offer excellent jitter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com