Electronic Components Datasheet Search
  English  ▼

X  

AD6643 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 2 Page - Analog Devices

  AD6643 Datasheet HTML 1Page - Analog Devices AD6643 Datasheet HTML 2Page - Analog Devices AD6643 Datasheet HTML 3Page - Analog Devices AD6643 Datasheet HTML 4Page - Analog Devices AD6643 Datasheet HTML 5Page - Analog Devices AD6643 Datasheet HTML 6Page - Analog Devices AD6643 Datasheet HTML 7Page - Analog Devices AD6643 Datasheet HTML 8Page - Analog Devices AD6643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
AD6643
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Product Highlights ........................................................................... 3
Specifications..................................................................................... 4
ADC DC Specifications................................................................. 4
ADC AC Specifications ................................................................. 5
Digital Specifications ..................................................................... 6
Switching Specifications ................................................................ 8
Timing Specifications .................................................................. 8
Absolute Maximum Ratings.......................................................... 10
Thermal Characteristics ............................................................ 10
ESD Caution................................................................................ 10
Pin Configurations and Function Descriptions ......................... 11
Typical Performance Characteristics ........................................... 15
Equivalent Circuits ......................................................................... 18
Theory of Operation ...................................................................... 19
ADC Architecture ...................................................................... 19
Analog Input Considerations.................................................... 19
Voltage Reference ....................................................................... 21
Clock Input Considerations...................................................... 21
Power Dissipation and Standby Mode .................................... 22
Digital Outputs ........................................................................... 23
Noise Shaping Requantizer (NSR) ............................................... 24
22% BW Mode (>40 MHz at 184.32 MSPS)........................... 24
33% BW Mode (>60 MHz at 184.32 MSPS)........................... 25
Channel/Chip Synchronization.................................................... 26
Serial Port Interface (SPI).............................................................. 27
Configuration Using the SPI..................................................... 27
Hardware Interface..................................................................... 27
SPI Accessible Features.............................................................. 28
Memory Map .................................................................................. 29
Reading the Memory Map Register Table............................... 29
Memory Map Register Table..................................................... 30
Memory Map Register Description ......................................... 32
Applications Information .............................................................. 34
Design Guidelines ...................................................................... 34
Outline Dimensions ....................................................................... 35
Ordering Guide .......................................................................... 35
REVISION HISTORY
4/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com