Electronic Components Datasheet Search
  English  ▼

X  

AD8420 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8420
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420 Datasheet(HTML) 4 Page - Analog Devices

  AD8420 Datasheet HTML 1Page - Analog Devices AD8420 Datasheet HTML 2Page - Analog Devices AD8420 Datasheet HTML 3Page - Analog Devices AD8420 Datasheet HTML 4Page - Analog Devices AD8420 Datasheet HTML 5Page - Analog Devices AD8420 Datasheet HTML 6Page - Analog Devices AD8420 Datasheet HTML 7Page - Analog Devices AD8420 Datasheet HTML 8Page - Analog Devices AD8420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD8420
Preliminary Technical Data
Rev. PrD | Page 4 of 4
+VS = +15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1 to 1000, RL = 20 kΩ, specifications referred to input, unless otherwise noted
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
VCM = –10 V to +10 V
CMRR DC to 60 Hz
100
dB
CMRR at 1 kHz
dB
NOISE
Voltage Noise
Spectral Density
f = 1 kHz, VDIFF ≤ 100 mV
50
nV/√Hz
Peak to Peak
f = 0.1 Hz to 10 Hz, VDIFF ≤ 100 mV
1.5
µV p-p
Current Noise
Spectral Density
f = 1 kHz
fA/√Hz
Peak to Peak
f = 0.1 Hz to 10 Hz
pA p-p
VOLTAGE OFFSET
Offset
VS = ±5 V to ±15 V
200
µV
Average Temperature Coefficient
TA = −40°C to +85°C
1
µV/°C
Offset RTI vs. Supply (PSR)
dB
INPUTS
Valid for REF & FB pair, as well as +IN & -IN
Input Bias Current1
TA = +25°C
25
40
nA
TA = +85°C
nA
TA = −40°C
nA
Average Temperature Coefficient
TA = −40°C to +85°C
pA/°C
Input Offset Current
TA = +25°C
1
nA
TA = +85°C
nA
TA = −40°C
nA
Average Temperature Coefficient
TA = −40°C to +85°C
pA/°C
Input Impedance
Differential
130||3
MΩ||pF
Common Mode
1000||3
MΩ||pF
Differential Input Operating Voltage
TA = –40°C to +85°C
-1
1
V
Input Operating Voltage (+IN, -IN, or REF)
TA = +25°C
−VS – 0.15
+VS −2.2
V
TA = +85°C
−VS – 0.05
+VS – 1.8
V
TA = –40°C
−VS – 0.2
+VS – 2.7
V
DYNAMIC RESPONSE
Check voltage differential
Small Signal –3 dB Bandwidth
G = 1
250
kHz
G = 10
25
kHz
G = 100
2.5
kHz
G =1000
0.25
kHz
Settling Time 0.01%
10 V step
G = 1
µs
G = 10
µs
G = 100
µs
G = 1000
µs
Slew Rate
Exceeds Bandwidth Limit
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com