Electronic Components Datasheet Search
  English  ▼

X  

AD8420 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8420
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420 Datasheet(HTML) 5 Page - Analog Devices

  AD8420 Datasheet HTML 1Page - Analog Devices AD8420 Datasheet HTML 2Page - Analog Devices AD8420 Datasheet HTML 3Page - Analog Devices AD8420 Datasheet HTML 4Page - Analog Devices AD8420 Datasheet HTML 5Page - Analog Devices AD8420 Datasheet HTML 6Page - Analog Devices AD8420 Datasheet HTML 7Page - Analog Devices AD8420 Datasheet HTML 8Page - Analog Devices AD8420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Technical Data
AD8420
Rev. PrD | Page 5 of 5
GAIN2
G = 1 + (R2/R1)
Gain Range
1
1000
V/V
Gain Error
VOUT ±10 V
0.05
%
Gain Nonlinearity
VOUT = –10 V to +10 V
G = 1 to 10
RL
≥ 20 kΩ
ppm
G = 100
RL
≥ 20 kΩ
ppm
G = 1000
RL
≥ 20 kΩ
ppm
Gain vs. Temperature
TA = −40°C to +85°C
10
ppm/°C
OUTPUT
Output Swing
RL = 20 kΩ to ground
TA = +25°C
−VS + 0.15
+VS – 0.15
V
TA = +85°C
V
TA = –40°C
V
RL = 100 kΩ to ground
TA = +25°C
−VS + 0.1
+VS – 0.1
V
TA = +85°C
V
TA = –40°C
V
Short-Circuit Current
10
mA
POWER SUPPLY
Operating Range
Dual supply operation3
±2.7
±18V
V
Quiescent Current
TA = +25°C
75
90
µA
TA = –40°C
µA
TA = +85°C
100
µA
TEMPERATURE RANGE
Specified
−40
+85
°C
Operational4
−40
+125
°C
1
The input stage uses pnp transistors, so input bias current always flows out of the part.
2
For G>1, errors from external resistors R1 and R2 should be added to these specifications, including error from FB pin bias current
3
Minimum positive supply voltage indicated for V+IN, V-IN, VREF= 0V. With V+IN, V-IN, VREF= -VS, minimum supply is ±1.35V.
4
See Typical Performance Curves for operation between 85°C and 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com