Electronic Components Datasheet Search
  English  ▼

X  

AD8420 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8420
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8420 Datasheet HTML 2Page - Analog Devices AD8420 Datasheet HTML 3Page - Analog Devices AD8420 Datasheet HTML 4Page - Analog Devices AD8420 Datasheet HTML 5Page - Analog Devices AD8420 Datasheet HTML 6Page - Analog Devices AD8420 Datasheet HTML 7Page - Analog Devices AD8420 Datasheet HTML 8Page - Analog Devices AD8420 Datasheet HTML 9Page - Analog Devices AD8420 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Technical Data
AD8420
Rev. PrD | Page 9 of 9
INPUT VOLTAGE RANGE
Unlike traditional instrumentation amplifier architectures, the
allowed input range of the AD8420 is simplicity itself. For the
AD8420’s transfer function to be valid, the input voltage should
follow two rules:
1) Keep differential input voltage within ±1V.
2) Keep voltage on +IN, -IN, and REF pins in specified
input voltage range
No hexagonal figures. No complicated formulas.
INPUT PROTECTION
The AD8420 has very robust inputs and typically does not
need additional input protection. Input voltages can be up to
40 V from the opposite supply rail. For example, with a +5 V
positive supply and a −8 V negative supply, the part can safely
withstand voltages from −35 V to 32 V. The part can handle
large differential input voltages, even when the part is in high
gain, without damage.
The rest of the AD8420 terminals should be kept within the
supplies. All terminals of the AD8426 are protected against ESD.
For applications that require protection beyond the AD8420’s
limits, place diodes at the AD8420 inputs to limit voltage and
resistors in series with the inputs to limit the current into these
diodes. To keep input bias current at minimum, low leakage
diode clamps such as the BAV199 should be used. The AD8420
also combines well with TVS diodes such as the PTVSxS1UR.
DRIVING THE REFERENCE PIN
Traditional instrumentation amplifier architectures require the
reference pin to be driven with a low impedance source. In
traditional architectures, impedance at the reference pin
degrades both CMRR and gain accuracy. With the AD8420
architecture, resistance at the reference pin has no effect on
CMRR.
–IN
+IN
VREF
RREF
R2
R1
G = 1+
R2+RREF
R1
AD8420
VOUT
REF
FB
Figure 5. Calculating Gain with Reference Resistance
Resistance at the reference pin does affect the AD8420’s gain,
but if this resistance is constant, the gain setting resistors can be
adjusted to compensate. For example, the AD8420 can be
driven with a voltage divider as shown in Figure 6.
–IN
+IN
VS
R2
R1
G = 1+
R2+R3||R4
R1
AD8420
VOUT
REF
FB
R4
R3
Optional
capacitor
filters noise
from Vs
Figure 6. Using Resistor Divider to Set Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com