Electronic Components Datasheet Search
  English  ▼

X  

AD8429 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8429
Description  1 nV/?숰z Low Noise Instrumentation Amplifier 짹4 V to 짹18 V dual supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429 Datasheet(HTML) 1 Page - Analog Devices

  AD8429 Datasheet HTML 1Page - Analog Devices AD8429 Datasheet HTML 2Page - Analog Devices AD8429 Datasheet HTML 3Page - Analog Devices AD8429 Datasheet HTML 4Page - Analog Devices AD8429 Datasheet HTML 5Page - Analog Devices AD8429 Datasheet HTML 6Page - Analog Devices AD8429 Datasheet HTML 7Page - Analog Devices AD8429 Datasheet HTML 8Page - Analog Devices AD8429 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 nV/√Hz Low Noise
Instrumentation Amplifier
AD8429
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise
1 nV/√Hz input noise
45 nV/√Hz output noise
High accuracy dc performance (AD8429BRZ)
90 dB CMRR minimum (G = 1)
50 μV maximum input offset voltage
0.02% maximum gain accuracy (G = 1)
Excellent ac specifications
80 dB CMRR to 5 kHz (G = 1)
15 MHz bandwidth (G = 1)
1.2 MHz bandwidth (G = 100)
22 V/μs slew rate
THD: −130 dBc (1 kHz, G = 1)
Versatile
±4 V to ±18 V dual supply
Gain set with a single resistor (G = 1 to 10,000)
Temperature range for specified performance
−40°C to +125°C
APPLICATIONS
Medical instrumentation
Precision data acquisition
Microphone preamplification
Vibration analysis
PIN CONNECTION DIAGRAM
TOP VIEW
(Not to Scale)
–IN
1
RG 2
RG 3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8429
Figure 1.
GENERAL DESCRIPTION
The AD8429 is an ultralow noise, instrumentation amplifier
designed for measuring extremely small signals over a wide
temperature range (−40°C to +125°C).
The AD8429 excels at measuring tiny signals. It delivers ultralow
input noise performance of 1 nV/√Hz. The high CMRR of the
AD8429 prevents unwanted signals from corrupting the acqui-
sition. The CMRR increases as the gain increases, offering high
rejection when it is most needed. The high performance pin
configuration of the AD8429 allows it to reliably maintain high
CMRR at frequencies well beyond those of typical instrumentation
amplifiers.
The AD8429 reliably amplifies fast changing signals. Its current
feedback architecture provides high bandwidth at high gain, for
example, 1.2 MHz at G = 100. The design includes circuitry to im-
prove settling time after large input voltage transients. The AD8429
was designed for excellent distortion performance, allowing use in
demanding applications such as vibration analysis.
Gain is set from 1 to 10,000 with a single resistor. A reference
pin allows the user to offset the output voltage. This feature can
be useful to shift the output level when interfacing to a single
supply signal chain.
The AD8429 performance is specified over the extended industrial
temperature range of −40°C to +125°C. It is available in an 8-lead
plastic SOIC package.
1000
100
10
1
0.1
FREQUENCY (Hz)
1
10
100
1k
10k
100k
G = 1
G = 10
G = 100
G = 1k
Figure 2. RTI Voltage Noise Spectral Density vs. Frequency


Similar Part No. - AD8429

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8429 AD-AD8429 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8429 AD-AD8429 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
AD8429 AD-AD8429 Datasheet
483Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD8429 AD-AD8429 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
AD8429ARZ AD-AD8429ARZ Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
More results

Similar Description - AD8429

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8421 AD-AD8421_16 Datasheet
706Kb / 29P
3 nV/?숰z, Low Power Instrumentation Amplifier
Rev. 0
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com